Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200021 Datasheet(PDF) 6 Page - Testo SE & Co. KGaA

Part # 05200021
Description  Temperature measuring instrument (2-channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200021 Datasheet(HTML) 6 Page - Testo SE & Co. KGaA

  05200021 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
testo 922
Probes
Probe type
Fast-action surface probe with
sprung thermocouple strip,
bent, also for uneven surfaces,
measurement range short-term to
+500°C, TC Type K, Fixed cable
1.2 m
Efficient, waterproof surface probe
with small measurement head for
flat surfaces,
TC Type K, Fixed cable 1.2 m
Flat head surface probe with
telescopic handle max. 680 mm for
measurements at hard-to-access
points, TC Type K, Fixed cable 1.6
m (correspondingly shorter when
telescope extended)
Magnetic probe, adhesive force
approx. 20 N, with magnets, for
measurements on metal surfaces,
TC Type K, Fixed cable 1.6 m
Magnetic probe, adhesive force
approx. 10 N, with magnets, for
higher temp., for measurements on
metal surfaces, TC Type K, Fixed
cable
Pipe wrap probe with velcro strip;
for temperature measurement on
pipes with diameter up to max. 120
mm; Tmax. +120 °C; TC Type K ,
Fixed cable
Pipe wrap probe for pipe diameter
5 to 65 mm, with exchangeable
measuring head. Meas. range
short-term up to +280 °C, TC Type
K, Fixed cable
Spare meas. head for pipe wrap
probe, TC Type K
Clamp probe for measurements on
pipes, pipe diameter 15 to 25 mm
(max. 1“), meas. range short-term
up to +130°C, TC Type K, Fixed
cable
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-60 to +300 °C
-60 to +1000 °C
-50 to +250 °C
-50 to +170 °C
-50 to +400 °C
-50 to +120 °C
-60 to +130 °C
-60 to +130 °C
-50 to +100 °C
Accuracy
Class 2 1)
Class 1 1)
Class 2 1)
Class 2 1)
Class 2 1)
Class 1 1)
Class 2 1)
Class 2 1)
Class 2 1)
t
99
3 s
20 s
3 s
150 s
90 s
5 s
5 s
5 s
Part no.
0602 0993
0602 0693
0602 2394
0602 4792
0602 4892
0628 0020
0602 4592
0602 0092
0602 4692
150 mm
35 mm
75 mm
395 mm
35 mm
80 mm
50 mm
985 ±5 mm
12 mm
20 mm
15 mm
Ø 5 mm
Ø 20 mm
Ø 12 mm
Ø 2.5 mm
Ø 4 mm
Ø 25 mm
Ø 21 mm
Surface probes
The measuring instrument inside TopSafe is waterproof with this probe.
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
A probe always corresponds to only one accuracy class.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com