Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200021 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # 05200021
Description  Temperature measuring instrument (2-channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200021 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  05200021 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
testo 922
Accessories
Part no.
Accessories for measuring instrument
0515 0025
9V rech. battery for instrument, instead of battery
0554 0549
Testo fast printer IrDA with wireless infrared interface; 1 roll thermal paper; 4 AA batteries
0554 0568
Spare thermal paper for printer (6 rolls), permanent ink
measurement data documentation legible for up to 10 years
0409 1092
Handle for attachable measurement tips, applicable for all Testo probes with miniature thermocouple plugs
0554 0592
Extension cable, 5m, for thermocouple probe Type K
0554 0004
Silicone heat paste (14g), Tmax = +260°C, improves heat transfer in surface probes
0520 0001
ISO calibration certificate/temperature
for air/immersion probes, calibration points -18°C; 0°C; +60°C
0520 0021
ISO calibration certificate/temperature (Applies only to immersion/penetration probe 0602 2693)
meas. instr. with air/immersion probe; cal. points 0°C; +150°C; +300°C
0520 0031
ISO calibration certificate/temperature
meas. instr. with air/immersion probe; calibration points 0°C; +300°C; +600°C
0520 0071
ISO calibration certificate/temperature
meas. instr. with surface probe; calibration points +60°C; +120°C; +180°C
0520 0211
DAkkS calibration certificate/temperature
meas. instr. with air/immersion probe; calibration points -20 °C; 0 °C; +60 °C
0520 0271
DAkkS calibration certificate/temperature
contact surface temperature probes; calibration points +100°C; +200°C; +300°C
Radio module for upgrading measuring instrument with radio option
Printer and Accessories
Other features
Calibration Certificates
0554 0188
Radio module for measuring instrument, 869.85 MHz, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO
0554 0190
Radio module for measuring instrument, 915.00 MHz FSK, approval for USA, CA, CL
0516 0222
0516 1200
0516 1201
0516 0191
TopSafe, protects from impact and dirt (incl. 2 attachment magnets)
Service case for measuring instrument, probe and accessories, dimensions 454 x 316 x 111 mm
Service case for measuring instrument and probe, dimensions 454 x 316 x 111 mm
Case for measuring instrument and probes
Transport and Protection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com