Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200021 Datasheet(PDF) 7 Page - Testo SE & Co. KGaA

Part # 05200021
Description  Temperature measuring instrument (2-channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200021 Datasheet(HTML) 7 Page - Testo SE & Co. KGaA

  05200021 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
testo 922
Probes
Probe type
Waterproof food probe made of
stainless steel (IP65), TC Type K,
Fixed cable
Waterproof robust immersion/
penetration probe with metal
protection hose Tmax +230°C, e.g.
for monitoring temp. in cooking oil,
T/C Type K, Fixed cable
Thermocouple with TC adapter,
flexible, 800 mm long, fibre glass,
TC Type K
Thermocouple with TC adapter,
flexible, length 1500 mm ,
fibreglass, TC Type K
Thermocouple with TC adapter,
flexible, 1500 mm long, PTFE, TC
Type K
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-60 to +400 °C
-50 to +230 °C
-50 to +400 °C
-50 to +400 °C
-50 to +250 °C
Accuracy
Class 2 1)
Class 1 1)
Class 2 1)
Class 2 1)
Class 2 1)
t
99
7 s
15 s
5 s
5 s
5 s
Part no.
0602 2292
0628 1292
0602 0644
0602 0645
0602 0646
Food probes
240 mm
800 mm
Ø 1.5 mm
1500 mm
1500 mm
125 mm
30 mm
Ø 4 mm
Ø 1.5 mm
Ø 1.5 mm
Ø 4 mm
Ø 3.2 mm
Thermocouples
The measuring instrument inside TopSafe is waterproof with this probe.
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
A probe always corresponds to only one accuracy class.
Information on surface measurement:
• The response times t
99 stated are measured on ground steel or aluminium plates at +60 °C.
• The stated accuracies are sensor accuracies.
• The accuracy in your application is dependent on the surface structure (roughness), material of the measurement
object (heat capacity and heat transfer), as wel as sensor accuracy. Testo creates a corresponding calibration
certificate for the deviations of your measurement system in your application. For this purpose, Testo uses a surface
test bench developed in cooperation with the PTB (Physikalisch Technische Bundesanstalt).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com