Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200021 Datasheet(PDF) 5 Page - Testo SE & Co. KGaA

Part # 05200021
Description  Temperature measuring instrument (2-channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200021 Datasheet(HTML) 5 Page - Testo SE & Co. KGaA

  05200021 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
testo 922
Probes
Probe type
Robust air probe, T/C Type K,
Fixed cable 1.2 m
Efficient and fast-action immersion
probe, waterproof, TC Type K,
Fixed cable 1.2 m
Fast-reaction paddle surface
probe, for measurements in
inaccessible places, e.g. narrow
apertures and slots, TC Type K,
Fixed cable
Fast-action surface probe with
sprung thermocouple strip, also
for uneven surfaces, measurement
range short-term to +500°C, TC
Type K, Fixed cable 1.2 m
Waterproof surface probe with
widened measurement tip for flat
surfaces, T/C Type K, Fixed cable
1.2 m
Fast-action, waterproof immersion/
penetration probe, TC Type K,
Fixed cable 1.2 m
Immersion tip, flexible, TC Type K
Immersion measurement tip,
flexible, for measurements in air/
exhaust gases (not suitable for
measurements in smelters), TC
Type K
Immersion tip, flexible, TC Type K
Waterproof immersion/penetration
probe, TC Type K, Fixed cable 1.2
m
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-60 to +400 °C
-60 to +1000 °C
0 to +300 °C
-60 to +300 °C
-60 to +400 °C
-60 to +800 °C
-200 to
+1000 °C
-200 to
+1300 °C
-200 to +40 °C
-60 to +400 °C
Accuracy
Class 2 1)
Class 1 1)
Class 2 1)
Class 2 1)
Class 2 1)
Class 1 1)
Class 1 1)
Class 1 1)
Class 3 1)
Class 2 1)
t
99
200 s
2 s
5 s
3 s
30 s
3 s
5 s
4 s
5 s
7 s
Part no.
0602 1793
0602 0593
0602 0193
0602 0393
0602 1993
0602 2693
0602 5792
0602 5693
0602 5793
0602 1293
Air probes
Immers./penetr. probes
115 mm
300 mm
145 mm
115 mm
115 mm
500 mm
1000 mm
500 mm
40 mm
60 mm
14 mm
114 mm
50 mm
Ø 4 mm
Ø 1.5 mm
Ø 8 mm
Ø 5 mm
Ø 1.5 mm
Ø 3 mm
Ø 1.5 mm
Ø 12 mm
Ø 5 mm
Ø 6 mm
Ø 5 mm
Ø 1.5 mm
Ø 5 mm
Ø 3.7 mm
Surface probes
The measuring instrument inside TopSafe is waterproof with this probe.
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
A probe always corresponds to only one accuracy class.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com