Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200021 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # 05200021
Description  Temperature measuring instrument (2-channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200021 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  05200021 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
testo 922
Optional protective case TopSafe
Wireless measurement with radio
probes
Simultaneous recording of
temperature by two connected
probes and display of differential
temperature
2 probe conneections
Technical data
testo 922
testo 922, 2 channel temperature
measuring instrument T/C Type K,
connection of an optional radio probe, with
battery and calibration protocol
Part no. 0560 9221
General technical data
Operating temperature
-20 to +50 °C
Storage temperature
-40 to +70 °C
Housing material
ABS
Battery type
9V block battery, 6F22
Battery life
200 h (connected probe, backlight off)
45 h (radio mode, backlight off)
68 h (connected probe, backlight always on)
33 h (radio mode, backlight always on)
Dimensions
182 x 64 x 40 mm
Weight
171 g
Sensor type
Type K (NiCr-Ni)
Measuring range
Accuracy
±1 digit
Resolution
-50 to +1000 °C
±(0.5 °C +0.3% of m.v.) (-40 to +900 °C)
±(0.7 °C +0.5% of m.v.) (remaining range)
0.1 °C (-50 to +199.9 °C)
1 °C (remaining range)
Differential temperature set
testo 922
testo 922, 2 channel temperature measuring instrument T/C Type K,
2 x Velcro probes for temperature measurement on pipes with
max. Ø 120 mm, Handy bag for measuring instrument and probes,
with battery and calibration protocol
Part no. 0563 9222



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com