Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200021 Datasheet(PDF) 4 Page - Testo SE & Co. KGaA

Part # 05200021
Description  Temperature measuring instrument (2-channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200021 Datasheet(HTML) 4 Page - Testo SE & Co. KGaA

  05200021 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200021 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
testo 922
Radio probes
Dimensions
Probe shaft/probe shaft tip
Dimensions
Probe shaft/probe shaft tip
Illustration
Measuring
range
Measuring
range
Measuring
range
-50 to +350 °C
Short-term to
+500 °C
-50 to +350 °C
Short-term to
+500 °C
-50 to +1000 °C
Accuracy
Accuracy
Accuracy
Radio handle:
±(0.5 °C +0.3% of m.v.) (-40 to +500 °C)
±(0.7 °C +0.5% of m.v.) (remaining range)
T/C probe head: Class 2
Radio handle:
±(0.5 °C +0.3% of m.v.) (-40 to +500 °C)
±(0.7 °C +0.5% of m.v.) (remaining range)
T/C probe head: Class 2
±(0.7 °C +0.3% of m.v.) (-40 to +900 °C)
±(0.9 °C +0.5% of m.v.) (remaining range)
Resolution
Resolution
Resolution
t
99
t
99
0.1 °C (-50 to
+199.9 °C)
1.0 °C (remaining
range)
0.1 °C (-50 to
+199.9 °C)
1.0 °C (remaining
range)
0.1 °C (-50 to +199.9 °C)
1.0 °C (remaining range)
t
99 (in
water)
10 s
5 s
100 mm
120 mm
30 mm
40 mm
Ø 5 mm
Ø 5 mm
Ø 3,4 mm
Ø 12 mm
Part no.
Part no.
Part no.
Common Technical Data
Technical data Radio probes
Measuring rate
0554 0189
0554 0189
0554 0189
0554 0191
0554 0191
0554 0191
0.5 s or 10 s, adjustable on handle
Radio coverage
Radio handle for plug-in probe heads, incl. T/C adapter, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO; Radio freq. 869.85 MHz FSK
Radio handle for plug-in probe heads, incl. T/C adapter, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO; Radio freq. 869.85 MHz FSK
Radio handle for plug-in probe heads, incl. T/C adapter, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO ; Radio freq. 869.85 MHz FSK
Radio handle for plug-in probe heads, incl. T/C adapter, approval for USA, CA, CL; Radio freq. 915.00 MHz FSK
Radio handle for plug-in probe heads, incl. T/C adapter, approval for USA, CA, CL; Radio freq. 915.00 MHz FSK
Radio handle for plug-in probe heads, incl. T/C adapter, approval for USA, CA, CL; Radio freq. 915.00 MHz FSK
Up to 20 m (without obstructions)
Radio transmission
0602 0293
0602 0394
0602 0293
0602 0394
Unidirectional
Operating temperature
T/C probe head for air/immersion/penetration measurement (T/C Type K)
T/C probe head for surface measurement (T/C Type K)
T/C probe head for air/immersion/penetration measurement (T/C Type K)
T/C probe head for surface measurement (T/C Type K)
-20 to +50 °C
Storage temperature
-40 to +70 °C
Radio immersion/penetration probe, NTC
Battery type
2 x 3V button cell (CR 2032)
Battery life
150 h (meas. rate 0.5 s)
2 months (meas. rate 10 s)
Radio handle
Battery type
2 x 3V button cell (CR 2032)
Battery life
215 h (meas. rate 0.5 s)
6 months (meas. rate 10 s)
Radio handles and probe head for air-/ immersion-penetration-meas.
Radio handles and probe head for surface measurement
Radio handles for attachable T/C probes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com