Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
2004 May 17
36
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
13.9
Bias levels
The bias levels for an MRA driving method with p = 8 are given in Fig.31 when Gmax and F have the same value. The
value p defines the number of rows which are simultaneously selected.
The row voltage F depends on the mux rate selected (number of rows N), the threshold voltage of the liquid (VTH), the
number of simultaneously selected rows (p) and the multiplexibility (m):
(1)
The column voltages are situated around the common level VC. The column voltage levels are equidistant from each
other. In Table 19 the column voltage levels are given as a function of F.
handbook, full pagewidth
MGW752
VC
0.25Gmax
0.50Gmax
0.75Gmax
Gmax = F = VLCD
VLCD
V3_H
V2_H
V1_H
VC
V1_L
V2_L
V3_L
VSS
−Gmax = F = VSS
−0.25Gmax
−0.50Gmax
−0.75Gmax
Fig.31 Bias levels for a MRA system with p = 8 and Gmax =F.
F
1
p
-------
V
TH
N
2
----
mm
N
–
±
m1
–
--------------------------------
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com