Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
2004 May 17
40
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
handbook, full pagewidth
MGT847
00
01
02
a
VLCD
VOP
03
04
05
06
. . .
. . . FD FE FF
b
Fig.33 VLCD programming of PCF8811.
VOP[7:0] programming, (00H to FFH).
13.11 Temperature control
Due to the temperature dependency of the liquid crystals
viscosity the LCD controlling voltage VLCD might have to
be increased at lower temperature to maintain optimum
contrast.
The VLCD at a specific temperature is calculated as follows
for both command sets. VLCD (at T = TCUT) is given by
equations (4) or (5), depending on the command set which
is used.
(6)
In the extended command set and basic command set
8 different temperature coefficients are available (see
Fig.34). The typical values of the different temperature
coefficients are given in Chapter 16. The coefficients are
proportional to the programmed VLCD.
The basic and extended command set differ in the way that
the temperature coefficients can be accessed. In the basic
command set only one temperature coefficient is
available. However, the possibility exists to program the
default temperature coefficient by means of OTP
programming; see Chapter 22. In the extended command
set the different temperature coefficients are selected by
the interface with three bits TC[2:0].
V
LCD
T
()
V
LCD
TT
CUT
=
()
1T
T
CUT
–
() TC
×
+
[]
×
=
handbook, halfpage
MGW754
VLCD
TCUT
T
Fig.34 Temperature coefficients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com