Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
2004 May 17
57
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
22.5
Interface commands
These instructions are in addition to those indicated in Table 5.
Table 24 Additional instructions; note 1
Note
1. X = don’t care.
22.5.1
CALMM
This instruction puts the device in calibration mode. This mode enables the shift register for loading and allows
programming of the non-volatile OTP cells to take place. If the seal bit is set then this mode cannot be accessed and the
instruction will be ignored. Once in calibration mode all commands are interpreted as shift register data. The mode can
only be exited by sending data with bit D7 set to logic 0. Reset will also clear this mode. Each shift register data byte is
preceded by D/C = 0 and has only 2 significant bits, thus the remaining 6 bits are ignored. Bit D7 is the continuation bit
(D7 = 1 remain in CALMM mode, D7 = 0 exit CALMM mode). Bit D0 is the data bit and its value is shifted into the OTP
shift register (on the falling edge of SCLK).
NAME
EXT
D/CR/W
COMMAND BYTE
ACTION
D7
D6
D5
D4
D3
D2
D1
D0
CALMM
X
0
0
1
0
0
0
0
0
1
0
enter CALMM mode
Power control
(‘Refresh’)
X
0
0
0
0
1
0
1
PC1
PC0
1
switch HVgen on/off
to force a refresh of
the shift register
handbook, full pagewidth
DATA TO THE CIRCUIT FOR
CONFIGURATION AND CALIBRATION
SHIFT
REGISTER
FLIP-FLOP
OTP slice
OTP CELL
SHIFT
REGISTER
SHIFT
REGISTER
DATA
INPUT
read data
from the
OTP cell
write data
to the
OTP cell
OTP CELLs
MGU289
Fig.48 Basic OTP architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com