Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 25Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 5
Instruction set; note 1
INSTRUCTION
EXT(2)
D/CR/W
COMMAND BYTE
DESCRIPTION
D7(3)
D6
D5
D4
D3
D2
D1
D0
NOP
X
000
10011X
X
no operation
NOP
X
001
1100100
no operation
Reset
X
0
0
1
1100010
soft reset
Write data
X
1
0
D7
D6
D5
D4
D3
D2
D1
D0
write data to display RAM
Display data length
X
X
0
0
0
0
1
D7
1
D6
1
D5
0
D4
1
D3
0
D2
0
D1
0
D0
only used in 3-line SPI
Status read
X
0
1
BUSY
DON
RES
MF2
MF1
MF0
DS1
DS0
read status byte
X
0
X
1
101101X
read status byte
Display control
X
0
0
1
010111DON
display on or off
X
001
010011E
normal or reverse mode
X
001
010010DAL
all pixels on or off
X
001
010000MX
mirror X
X
001
100MY
X
X
X
mirror Y
1
001
110111IC
icon enable or disable; note 4
1
001
010001V
vertical or horizontal addressing;
note 4
1
001
110101DOR
data order; note 4
1
001
110110BRS
bottom row swap; note 4
ADR commands
X
0
0
1
011Y3
Y2
Y1
Y0
set Y address; 0
≤ Y ≤ 9
X
000
0010X6
X5
X4
set X address; 0
≤ X ≤ 127
X
000
000X3
X2
X1
X0
X0
0
0
0
0
X
0
X
0
X
1
X
1
Y
max3
0
Y
max2
0
Y
max1
1
Y
max0
set Y max; 0
≤ Y ≤ 9
X
000
X
0
X
max6
0
X
max5
1
X
max4
1
X
max3
0
X
max2
0
X
max1
0
X
max0
set X max; 0
≤ X ≤ 127
Set initial display
line
X
X
0
0
0
0
0
X
1
L6
0
L5
0
L4
0
L3
0
L2
X
L1
X
L0
set initial display line; 0
≤ L ≤ 79;
note 5
Set initial row
X
X
0
0
0
0
0
X
1
C6
0
C5
0
C4
0
C3
1
C2
X
C1
X
C0
set start row; 0
≤ C ≤ 79; note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com