Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 18Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 21Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
2004 May 17
21
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
12 I2C-BUS INTERFACE
12.1
Characteristics of the I2C-bus (Hs-mode)
The I2C-bus Hs-mode is for bidirectional, two-line
communication between different ICs or modules with
speeds of up to 3.4 MHz. The only difference between
Hs-mode slave devices and F/S-mode slave devices is the
speed at which they operate, therefore the buffers on the
SCLH and SDAH have open-drain outputs. This is the
same for I2C-bus master devices which have an
open-drain SDAH output and a combination of an
open-drain, pull-down and current source pull-up circuits
on the SCLH output. Only the current source of one master
is enabled at any one time, and only during Hs-mode. Both
lines must be connected to a positive supply via a pull-up
resistor.
Data transfer may be initiated only when the bus is not
busy.
12.1.1
SYSTEM CONFIGURATION
The system configuration is illustrated in Fig.22.
Definitions of the I2C-bus terminology:
• Transmitter: the device which sends the data to the bus
• Receiver: the device which receives the data from the
bus
• Master: the device which initiates a transfer, generates
clock signals and terminates a transfer
• Slave: the device addressed by a master
• Multi-master: more than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: procedure to ensure that, if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock
signals of two or more devices.
12.1.2
BIT TRANSFER
One data bit is transferred during each clock pulse (see
Fig.23). The data on the SDA line must remain stable
during the HIGH period of the clock pulse as changes in
the data line at this time will be interpreted as a control
signal.
12.1.3
START AND STOP CONDITIONS
Both data and clock lines remain HIGH when the bus is not
busy. A HIGH-to-LOW transition of the data line, while the
clock is HIGH is defined as the START condition (S).
A LOW-to-HIGH transition of the data line while the clock
is HIGH is defined as the STOP condition (P). The START
and STOP conditions are illustrated in Fig.24.
12.1.4
ACKNOWLEDGE
Each byte of eight bits is followed by an acknowledge bit;
see Fig.25. The acknowledge bit is a HIGH signal put on
the bus by the transmitter during which time the master
generates an extra acknowledge-related clock pulse.
A slave receiver which is addressed must generate an
acknowledge after the reception of each byte. A master
receiver must also generate an acknowledge after the
reception of each byte that has been clocked out of the
slave transmitter. The device that acknowledges must
pull-down the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during the HIGH
period of the acknowledge-related clock pulse (set-up and
hold times must be taken into consideration). A master
receiver must signal an end-of-data to the transmitter by
not generating an acknowledge on the last byte that has
been clocked out of the slave. In this event the transmitter
must leave the data line HIGH to enable the master to
generate a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com