Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 62Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 63Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
2004 May 17
60
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Table 26 Sequence for OTP programming; note 1
Note
1. X = don’t care.
22.8
Programming specification
Table 27 Programming specification; see Fig.50
STEP EXT
D/CR/W
D7
D6
D5
D4
D3
D2
D1
D0
ACTION
1
X
0011100001
exit power-save
2
wait 5 ms for refresh to take effect
3
X
0010101001
re-enter Power-down (DON = 0)
4
X
0010000010
enter CALMM mode
5
X
0010
XXXXX
1
shift in data; MMVOPCAL[4] is first
bit
6
X
0010
XXXXX
1
MMVOPCAL[3]
7
X
0010
XXXXX
1
MMVOPCAL[2]
9
X
0010
XXXXX
0
MMVOPCAL[1]
10
X
0010
XXXXX
0
MMVOPCAL[0]
11
X
0010
XXXXX
0
MMTC[2]
12
X
0010
XXXXX
1
MMTC[1]
13
X
0010
XXXXX
0
MMTC[0]
14
X
0011
XXXXX
0
seal bit; remain in CALMM mode
15
apply programming voltage at pins
VOTPPROG and VLCDIN according to
Section 22.8
Repeat steps 5 to 14 for each bit that should be programmed to 1
16
apply external reset
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VOTPPROG
voltage applied to pin VOTPPROG
relative to VSS1
programming active;
note 1
11.0
11.5
12.0
V
programming inactive;
note 1
VSS − 0.2
0
+0.2
V
VLCDIN
voltage applied to pin VLCDIN
relative to VSS1
programming active;
notes 1 and 2
9
9.5
10
V
programming inactive;
notes 1 and 2
VDD2 − 0.2 VDD2
4.5
V
ILCDIN
current drawn by VLCDIN during
programming
when programming a
single bit to logic 1
−
850
1000
µA
IVOTPPROG
current drawn by VOTPPROG during
programming
−
100
200
µA
Tamb(PROG)
ambient temperature during
programming
025
40
°C
tSU;SCLK
set-up time of internal data after
last clock
1
−−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com