Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61880 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS61880
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS61880 Datasheet HTML 49Page - Cirrus Logic CS61880 Datasheet HTML 50Page - Cirrus Logic CS61880 Datasheet HTML 51Page - Cirrus Logic CS61880 Datasheet HTML 52Page - Cirrus Logic CS61880 Datasheet HTML 53Page - Cirrus Logic CS61880 Datasheet HTML 54Page - Cirrus Logic CS61880 Datasheet HTML 55Page - Cirrus Logic CS61880 Datasheet HTML 56Page - Cirrus Logic CS61880 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
CS61880
DS450PP3
53
19. CHARACTERISTICS AND SPECIFICATIONS
19.1 Absolute Maximum Ratings
CAUTION: Operations at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
19.2 Recommended Operating Conditions
Notes: 1. Human Body Model
2. Transient current of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND can
withstand a continuous current of 100 mA.
3. Power consumption while driving line load over the full operating temperature and power supply voltage
range. Includes all IC channels and loads. Digital inputs are within 10% of the supply rails and digital
outputs are driving a 50 pF capacitive load.
4. Typical consumption corresponds to 50% ones density for at 3.3 V.
5. Maximum consumption corresponds to 100% ones density at 3.465 V.
6. This specification guarantees TTL compatibility (VOH = 2.4 V @ IOUT = -400 µA).
7. Output drivers are TTL compatible.
8. Pulse amplitude measured at the output of the transformer across a 75
Ω load.
9. Pulse amplitude measured at the output of the transformer across a 120
Ω load.
Parameter
Symbol
Min.
Max
Units
DC Supply
(referenced to RGND = TGND = 0V)
RV+
TV+
-
-
4.0
4.0
V
V
DC Supply
VCCIO
-0.5
4.6
V
Input Voltage, Any Digital Pin except CBLSEL, MODE and
LOOP(n) pins
(referenced to GNDIO = 0V)
VIH
GNDIO -0.5
5.3
V
Input Voltage CBLSEL, MODE & LOOP(n) Pins
(referenced to GNDIO = 0V)
VIH
GNDIO -0.5
VCCIO +0.5
V
Input voltage, RTIP and RRING Pins
TGND -0.5
TV+ +0.5
V
ESD voltage, Any pin
Note 1
2k
-
V
Input current, Any Pin
Note 2
IIH
-10
+10
mA
Maximum Power Dissipation, In package
Pp
-1.73
W
Ambient Operating Temperature
TA
-40
85
C
Storage Temperature
Tstg
-65
150
C
Parameter
Symbol
Min.
Typ
Max
Units
DC Supply
RV+, TV+
3.135
3.3
3.465
V
DC Supply
VCCIO
3.135
3.3
3.465
V
Ambient operating Temperature
TA
-40
25
85
C
Power Consumption, E1 Mode, 75
Ω line load
Notes 3, 4, 5
-
-
660
1040
mW
Power Consumption, E1 Mode, 120
Ω line load
Notes 3, 4, 5
-
-
640
950
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com