Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61880 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS61880
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS61880 Datasheet HTML 8Page - Cirrus Logic CS61880 Datasheet HTML 9Page - Cirrus Logic CS61880 Datasheet HTML 10Page - Cirrus Logic CS61880 Datasheet HTML 11Page - Cirrus Logic CS61880 Datasheet HTML 12Page - Cirrus Logic CS61880 Datasheet HTML 13Page - Cirrus Logic CS61880 Datasheet HTML 14Page - Cirrus Logic CS61880 Datasheet HTML 15Page - Cirrus Logic CS61880 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
CS61880
12
DS450PP3
WR/DS/SDI
84
J14
I
Write Enable/Data Strobe/Serial Data
Intel Parallel Host Mode - This pin, “WR”, functions as
a write enable.
Motorola Parallel Host Mode - This pin, “DS“, functions as
a data strobe input.
Serial Host Mode - This pin, “SDI”, functions as the serial
data input.
Hardware Mode - This pin is not used and should be con-
nected to ground.
RD/RW
85
J13
I
Read Enable/Read/Write
Intel Parallel Host Mode - This pin, “RD”, functions as a
read enable.
Motorola Parallel Host Mode - This pin, “R/W”, functions
as the read/write input signal.
Hardware Mode - This pin is not used and should be con-
nected to ground.
ALE/AS/SCLK
86
J12
I
Address Latch Enable/Address Strobe/Serial Clock
Intel Parallel Host Mode - This pin, “ALE”, functions as the
Address Latch Enable when configured for multiplexed ad-
dress/data operation.
Motorola Parallel Host Mode - This pin, “AS”, functions as
the active “low” address strobe when configured for multi-
plexed address/data operation.
Serial Host Mode - This pin, “SCLK”, is the serial clock
used for data I/O on SDI and SDO.
Hardware Mode - This pin is not used and should be con-
nected to ground.
CS/JASEL
87
J11
I
Chip Select Input/Jitter Attenuator Select
Host Mode - This active low input is used to enable ac-
cesses to the microprocessor interface in either serial or
parallel mode.
Hardware Mode - This pin controls the position of the Jitter
Attenuator.
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
Table 3. Jitter Attenuation Selection
Pin State
Jitter Attenuation Position
LOW
Transmit Path
HIGH
Receive Path
OPEN
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com