Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61880 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS61880
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS61880 Datasheet HTML 22Page - Cirrus Logic CS61880 Datasheet HTML 23Page - Cirrus Logic CS61880 Datasheet HTML 24Page - Cirrus Logic CS61880 Datasheet HTML 25Page - Cirrus Logic CS61880 Datasheet HTML 26Page - Cirrus Logic CS61880 Datasheet HTML 27Page - Cirrus Logic CS61880 Datasheet HTML 28Page - Cirrus Logic CS61880 Datasheet HTML 29Page - Cirrus Logic CS61880 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
CS61880
26
DS450PP3
10. RECEIVER
The CS61880 contains eight identical receivers that
utilize an internal matched impedance technique
that provides for the use of a common set of exter-
nal components for 120
Ω (E1), and 75 Ω (Ε1) op-
eration (Refer to Figure 16 on page 50). This
feature enables the use of a one stuffing option for
all E1 line impedances. The receivers can also be
configured to use different external resistors to
match the line impedance for E1 75
Ω or E1 120 Ω
modes (Refer to Figure 17 on page 51).
In hardware mode, the CBLSEL pin is used to se-
lect the proper line impedance (75
Ω or 120 Ω) and
either internal or external line impedance matching
mode.
In host mode, each receiver’s line impedance is se-
lected individually via the Line Length Channel
ID Register (10h) (See Section 14.17 on page 38)
and bits[3:0] and the LEN[3:0] bits of the Line
Length Data Register (11h) (See Section 14.18 on
page 38). The INT_EXTB bit of the Line Length
Data Register (11h) (See Section 14.18 on
page 38) is used to select between internal or exter-
nal line impedance matching modes for all eight
channels. The CBLSEL pin is not used in host
mode.
The CS61880 receiver provides all of the circuitry
to recover both data and clock from the data signal
input on RTIP and RRING. The matched imped-
ance receiver is capable of recovering signals with
12 dB of attenuation (referenced to 2.37 V or 3.0 V
nominal) while providing superior return loss. In
addition, the timing recovery circuit along with the
jitter attenuator provide jitter tolerance that far ex-
ceeds jitter specifications (Refer to Figure 19 on
page 57).
The recovered data and clock are output from the
CS61880 on the RPOS/RDATA, RNEG and
RCLK pins. These pins output the data in one of
three formats: bipolar, unipolar, or RZ. The CLKE
pin is used to configure RPOS/RDATA and
RNEG, so that data is valid on either the rising or
falling edge of RCLK. Refer to the CLKE pin de-
scription on page 13 for CLKE settings.
10.1 Bipolar Output Mode
Bipolar mode provides a transparent clock/data re-
covery for applications in which the line decoding
is performed by an external framing device. The re-
covered clock and data are output on RCLK,
RNEG and RPOS.
10.2 Unipolar Output Mode
In unipolar mode, the CS61880 decodes the recov-
ered data with either HDB3 or AMI line decoding.
The decoded data is output on the RPOS/RDATA
pin. When bipolar violations are detected by the de-
coder, the RNEG/BPV pin is asserted “high”. This
pin is driven “high” for one RCLK period for every
bipolar violation that is not part of the zero substi-
tution rules. Unipolar mode is entered by holding
the TNEG pin “high” for more than 16 TCLK cy-
cles.
In hardware mode, the HDB3/AMI encoding/de-
coding is activated via the CODEN pin.
In host mode, Bit 4 of the Line Length Channel
ID Register (10h) (See Section 14.17 on page 38)
is used to select the encoding/decoding for all chan-
nels.
10.3 RZ Output Mode
In this mode the RTIP and RRING inputs are sliced
to data values that are output on RPOS and RNEG
pins. This mode is used in applications that have
clock recovery circuitry external to the device. To
support external clock recovery, the RPOS and
RNEG outputs are XORed and output as RCLK.
This mode is entered when MCLK is tied high. The
polarity of the RPOS/RNEG data are controlled by
the CLKE pin. Refer to the CLKE pin description
on page 13 for CLKE settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com