Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61880 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS61880
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS61880 Datasheet HTML 11Page - Cirrus Logic CS61880 Datasheet HTML 12Page - Cirrus Logic CS61880 Datasheet HTML 13Page - Cirrus Logic CS61880 Datasheet HTML 14Page - Cirrus Logic CS61880 Datasheet HTML 15Page - Cirrus Logic CS61880 Datasheet HTML 16Page - Cirrus Logic CS61880 Datasheet HTML 17Page - Cirrus Logic CS61880 Datasheet HTML 18Page - Cirrus Logic CS61880 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
CS61880
DS450PP3
15
3.4 Cable Select
3.5 Status
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
CBLSEL
93
G13
I
Cable Impedance Select
Host Mode - The input voltage to this pin does not effect
normal operation.
Hardware Mode - This pin is used to select the transmitted
pulse shape and set the line impedance for all eight receiv-
ers and transmitters. This pin also selects whether or not all
eight receivers use an internal or external line matching
network (Refer to the Table 4 below for proper settings).
NOTE: Refer to Figure 16 on page 50 and Figure 17 on
page 51 for appropriate external line matching com-
ponents. All transmitters use internal matching net-
works.
Table 4. Cable Impedance Selection
CBLSEL
Transmitters
Receivers
No Connect
120
Ω Internal
120
Ω Internal or External
HIGH
75
Ω Internal
75
Ω Internal
LOW
75
Ω Internal
75
Ω External
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
LOS0
LOS1
LOS2
LOS3
LOS4
LOS5
LOS6
LOS7
42
35
75
68
113
106
3
140
K4
K3
K12
K11
E11
E12
E3
E4
O
O
O
O
O
O
O
O
Loss of Signal Output
The LOS output pins can be configured to indicate a loss of
signal (LOS) state that is compliant to either ITU G.775 or
ETSI 300 233. These pins are asserted “High” to indicate
LOS. The LOS output returns low when an input signal is
present for the time period dictated by the associated speci-
fication (Refer to Loss-of-Signal (LOS) (See Section 10.5
on page 27)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com