Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61880 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS61880
Description  OCTAL E1 LINE INTERFACE UNIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS61880 Datasheet HTML 51Page - Cirrus Logic CS61880 Datasheet HTML 52Page - Cirrus Logic CS61880 Datasheet HTML 53Page - Cirrus Logic CS61880 Datasheet HTML 54Page - Cirrus Logic CS61880 Datasheet HTML 55Page - Cirrus Logic CS61880 Datasheet HTML 56Page - Cirrus Logic CS61880 Datasheet HTML 57Page - Cirrus Logic CS61880 Datasheet HTML 58Page - Cirrus Logic CS61880 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
CS61880
DS450PP3
55
19.5 Receiver Analog Characteristics
(TA = -40
° C to 85° C; TV+, RV+ = 3.3 V ±5%; GND = 0 V))
Notes: 10. Parameters guaranteed by design and characterization.
11. Using components on the CDB61880 evaluation board in Internal Match Impedance Mode.
12. Return loss = 20log10 ABS((Z1 + Z0) / (Z1 - Z0)) where Z1 - impedance of the transmitter or receiver,
and Z0 = cable impedance.
13. Assuming that jitter free clock is input to TCLK.
14. Jitter tolerance for 6 dB input signal levels. Jitter tolerance increases at lower frequencies. HDB3 coders
enabled.
15. In Data Recovery Mode.
16. Jitter Attenuator in the receive path.
Parameter
Min.
Typ
Max
Units
Allowable Cable Attenuation @ 1024 kHz
-
-
- 12
dB
RTIP/RRING Input Impedance
E1 120
Ω Load
(Internal Line matching mode)
E1 75
Ω Load
Note 10
-
-
13k
50
-
-
Ω
RTIP/RRING Input Impedance
E1 120
Ω Load
(External Line matching mode)
E1 75
Ω Load
Note 10
-
-
13k
13k
-
-
Ω
Receiver Dynamic Range
0.5
-
-
Vp
Signal to Noise margin (Per G.703, O151 @ 6 dB cable Atten).
-
-18
-
dB
Receiver Squelch Level
150
mV
LOS Threshold
-
200
-
mV
LOS Hysteresis
50
mV
Data Decision Threshold
Note 10
41
50
59
% of
peak
Input Jitter Tolerance
1 Hz - 1.8 Hz
Notes 10, 14, 16
20 Hz - 2.4 kHz
18 kHz - 100 kHz
18
1.5
0.2
-
-
-
-
-
-
UI
Input Return Loss
51 kHz - 102 kHz
102 kHz - 2048 kHz
Notes 10, 11, 12
2048 kHz - 3072 kHz
-18
-18
-18
-28
-30
-27
-
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com