Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-NFP-RACK Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # DMM7510-NFP-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-NFP-RACK Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button DMM7510-NFP-RACK Datasheet HTML 14Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 15Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 16Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 17Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 18Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 20Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 21Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Datasheet
TEK.COM
18
True RMS AC Voltage and AC Current
Function
Range 83
Resolution
1-Year Accuracy: ±(% of reading + % of range) T
CAL ±5°C
3 Hz to
5 Hz
5 Hz to
10 Hz
10 Hz to
20 kHz
20 kHz to
50 kHz
50 kHz to
100 kHz
100 kHz to
300 kHz
Voltage 84
100.0000 mV
0.1 µV
1.0 + 0.03
0.30 + 0.03
0.06 + 0.03
0.14 + 0.05
0.6 + 0.08
4.0 + 0.5
1.000000 V
1 µV
1.0 + 0.03
0.30 + 0.03
0.06 + 0.03
0.14 + 0.05
0.6 + 0.08
4.0 + 0.5
10.00000 V
10 µV
1.0 + 0.03
0.30 + 0.03
0.06 + 0.03
0.14 + 0.05
0.6 + 0.08
4.0 + 0.5
100.0000 V
100 µV
1.0 + 0.03
0.30 + 0.03
0.06 + 0.03
0.14 + 0.05
0.6 + 0.08
4.0 + 0.5
700.000 V
1 mV
1.0 + 0.03
0.30 + 0.03
0.06 + 0.03
0.14 + 0.05
0.6 + 0.08
4.0 + 0.5
Temperature
Coefficient/°C
(all ranges)
–
–
0.01 + 0.003
0.03 + 0.003 0.005 + 0.003 0.006 + 0.005 0.01 + 0.006
0.03 + 0.01
Function
Range 83
Resolution
1-Year Accuracy: ±(% of reading + % of range) T
CAL ± 5°C
3 Hz to 5 Hz
5 Hz to 10 Hz
10 Hz to 2 kHz
2 kHz to 5 kHz
5 kHz to 10 kHz
Current 84
1.000000 mA
1 nA
1.0 + 0.04
0.30 + 0.04
0.08 + 0.03
0.09 + 0.03
0.09 + 0.03
10.00000 mA
10 nA
1.0 + 0.04
0.30 + 0.04
0.08 + 0.03
0.09 + 0.03
0.09 + 0.03
100.0000 mA
100 nA
1.0 + 0.04
0.30 + 0.04
0.08 + 0.03
0.09 + 0.03
0.01 + 0.006
1.000000 A
1 µA
1.0 + 0.04
0.30 + 0.04
0.20 + 0.04
0.88 + 0.04
0.01 + 0.006
3.000000 A
1 µA
1.0 + 0.05
0.30 + 0.05
0.20 + 0.05
0. 88 + 0.05
2.0 + 0.04
10.00000 A 85
10 µA
1.0 + 0.05
0.40 + 0.05
0.40 + 0.05
0. 88 + 0.05
2.0 + 0.05
Temperature
Coefficient/°C
(all ranges)
–
–
0.10 + 0.004
0.030 + 0.004
0.005 + 0.003
0.006 + 0.005
0.006 + 0.005
Additional AC Uncertainties – Low Frequency Uncertainty
Additional Uncertainty
±(% of reading), Lower
Frequency Uncertainty
Detector Bandwidth (BW)
3 BW
(3 Hz to 300 kHz)
30 BW
(30 Hz to 300 kHz)
300 BW
(300 Hz to 300 kHz)
20 Hz to 30 Hz
0
0.3
—
30 Hz to 50 Hz
0
0
—
50 Hz to 100 Hz
0
0
4.0
100 Hz to 200 Hz
0
0
0.72
200 Hz to 300 Hz
0
0
0.18
300 Hz to 500 Hz
0
0
0.07
> 500 Hz
0
0
0
NOTES
83. 20% overrange on AC functions except 1% on 700 V, 3.33% on 3 A, and 1% on 10 A. Default resolution is 6½ digits.
84. Specifications are for detector bandwidth of 3Hz and sine wave inputs >5% of range. Detector bandwidth of 3 Hz and 30 Hz are multisample A/D conversions. Detector bandwidth of
300 Hz is a single A/D conversion, programmable from 0.0005 PLC to 15 PLC (60 Hz), 12 PLC (50 Hz). Default condition set to 1 PLC.
85. Rear terminals only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com