Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-NFP-RACK Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # DMM7510-NFP-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-NFP-RACK Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button DMM7510-NFP-RACK Datasheet HTML 4Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 5Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 6Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 7Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Datasheet
TEK.COM
8
Resistance Open Circuit DC Voltage 28
Range 20
2-wire
Offset Compensation Off
Offset Compensation On
4-wire
4-wire
1
Ω
–
9.2 V
9.5 V
10
Ω
9.2 V
9.2 V
9.5 V
100
Ω, 1 kΩ
14.0 V
14.2 V
14.3 V
10 k
Ω
9.5 V
9.5 V
0.0 V
100 k
Ω, 1 MΩ
12.7 V
14.3 V
0.0 V (100 k
Ω range only)
10 M
Ω to 1 GΩ
6.9 V
6.9 V
–
4-Wire Ohms (
≤10kΩ) Offset Compensation On
RMS Noise (additional peak noise uncertainty) 29
Applies to ± ppm of range.
Peak noise uncertainty is included in DC specifications for
≥1 PLC.
Add peak noise uncertainty to measurements for <1 PLC.
Examples
1 k
Ω at 0.006 PLC: 3 (from Accuracy table) + 26 (additional peak noise uncertainty) = 29 ppm of range.
1 k
Ω at 1 PLC: 3 + 0 = 3 ppm of range.
NPLC
Digits
1
Ω
10
Ω
100
Ω
1 k
Ω
10 k
Ω
5
7½
2.8
0.3
0.3
0.07
0.3
1
7½
4.2
0.4
0.4
0.12
0.5
0.2 30
6½
30 (160)
3 (13)
3 (13)
0.4 (2.6)
1.2 (8.2)
0.2
6½
50 (250)
5 (22)
5 (22)
0.6 (3.2)
1.2 (8.3)
0.06
5½
110 (490)
11 (47)
11 (46)
1.1 (6.6)
2 (16)
0.006
4½
110 (710)
10 (70)
10 (70)
4 (26)
10 (60)
0.0005
3½
520 (3420)
50 (340)
50 (340)
40 (220)
50 (300)
2-Wire Ohms
RMS Noise (additional peak noise uncertainty) 29
Applies to ± ppm of range.
Peak noise uncertainty is included in DC specifications for
≥1 PLC.
Add peak noise uncertainty to measurements for <1 PLC.
Examples
10 k
Ω at 0.006 PLC: 3 (from Accuracy table) + 5 (50 mΩ with Rel ) + 43 (additional peak noise uncertainty)
= 51 ppm of range.
10 k
Ω at 1 PLC: 3 + 5 + 0 = 8 ppm of range.
NPLC
Digits
10
Ω
100
Ω
1 k
Ω
10 k
Ω
5
7½
1.1
0.8
0.1
0.2
1
7½
0.6
0.6
0.09
0.4
0.2 30
6½
2 (17)
2 (10)
0.2 (1.5)
0.8 (6.3)
0.2
6½
2 (17)
2 (14)
0.3 (1.6)
0.8 (6.4)
0.06
5½
3 (22)
3 (19)
0.4 (3.7)
2 (12)
0.006
4½
6 (50)
6 (50)
3 (21)
6 (43)
0.0005
3½
30 (300)
30 (230)
20 (150)
30 (210)
NOTES
28. Open circuit voltage is typical, measured from input HI to LO, SHI and SLO open. For 1
Ω to 1 MΩ ranges using an external digital multimeter (DMM) set to 10 MΩ input impedance; for
10 M
Ω to 1 GΩ ranges, set external DMM to >10 GΩ input impedance.
29. Noise values are based on 1000 readings with autozero on and using low thermal 4-wire short. RMS noise is typical. Additional peak noise is guaranteed.
30. With line sync on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com