Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-NFP-RACK Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # DMM7510-NFP-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-NFP-RACK Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button DMM7510-NFP-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 13Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 14Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 15Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 16Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 17Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 18Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Datasheet
TEK.COM
16
Signal Characteristics, Typical 76
Range 72
Maximum Flatness Error
3 Hz to 20 kHz
Analog Bandwidth
(–3dB)
Total Harmonic
Distortion (THD)
20 kHz Signal
(–1dB FS)
DC-coupled
Settling Time
(0.5%)
10.0000 µA
0.15 dB
100 kHz
0.02 %
8 µs
100.000 µA
0.15 dB
100 kHz
0.01 %
7 µs
1.00000 mA
0.1 dB
100 kHz
0.01 %
3 µs
10.0000 mA
0.1 dB
100 kHz
0.01 %
8 µs
100.000 mA
0.1 dB
100 kHz
0.02 %
5 µs
1.00000 A 77
0.1 dB
100 kHz
0.02 %
6 µs
3.0000 A 77
0.1 dB
100 kHz
0.02 %
6 µs
10.0000 A 75, 77, 78
0.1 dB
100 kHz
0.02 %
6 µs
Additional Noise Uncertainty, Typical 79
Total Harmonic Distortion (THD), Typical 80
1
10
100
1000
1k
2k
5k
10k 20k 50k 100k 200k 500k 1M
Samples per Second
RMS Noise, Digitize Current
10µA
100µA
1mA
10mA
100mA, 1A
3A
10A
-120
-110
-100
-90
-80
-70
1k
2k
5k
10k
20k
50k
100k
200k
Samples per Second
Total Harmonic Distortion, Digitize Current
10µA
100µA
1mA
10mA
100mA
NOTES
76. Verified with sine wave input and DC content
≤3% of range.
77. 10A range is available only on the rear input terminals.
78. 10A flatness verified to 10kHz; 100kHz guaranteed by design.
79. Specified with aperture Auto and open input terminals. For all ranges and for
≥1k sample rate, add an additional 3×
RMS noise uncertainty to ppm of range.
80. Specified with aperture Auto and 1kHz sine wave input. Distortion is calculated using first five harmonics. For the 1A, 3A, and 10A ranges, use the 100mA range accuracy; guaranteed
by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com