Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-NFP-RACK Datasheet(PDF) 20 Page - TEKTRONIX, INC.

Part # DMM7510-NFP-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-NFP-RACK Datasheet(HTML) 20 Page - TEKTRONIX, INC.

Back Button DMM7510-NFP-RACK Datasheet HTML 16Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 17Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 18Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 20Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 21Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 22Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 23Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 24Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Datasheet
TEK.COM
20
Threshold Level Accuracy 89
Threshold Range
Threshold Resolution
Accuracy ±(% of reading)
2 Year, T
CAL ±5°C
100 mV to 700 V
0.05%
1.0%
Frequency and Period Characteristics
Measurement Method
Reciprocal counting technique.
Aperture
10 ms to 273 ms; default is 10 ms.
Typical Reading Rates, 60 Hz (50 Hz) Operation 90, 91, 92, 93
NPLC
Digits
Functions:
DC Voltage (10 V),
2-wire Ohms (
≤10 kΩ),
DC Current (1 mA)
Functions:
4-wire ohms (
≤1 kΩ),
4-wire/3-wire RTD
Functions:
Thermistor
Functions:
Dry Circuit (
≤1 kΩ)
Measurements
Into Buffer
Measurements
Into Computer
Measurements
Into Buffer
Measurements
Into Computer
Measurements
Into Buffer
Measurements
Into Computer
Measurements
Into Buffer
Measurements
Into Computer
1
59.8 (49.8)
58 (48)
29 (24)
28 (24)
57 (48)
57 (48)
27 (23)
26 (22)
0.2
295 (240)
250 (210)
128 (109)
119 (100)
230 (200)
230 (200)
100 (89)
96 (85)
0.06
965 (810)
950 (800)
310 (280)
315 (280)
900 (750)
900 (750)
190 (180)
190 (180)
0.006
7500 (6700)
7300 (6500)
750 (730)
740 (720)
6800 (6000)
6800 (6000)
295 (290)
295 (290)
0.0005
26000 (26000)
24000 (24000)
860 (860)
860 (860)
18000 (18000)
18000 (18000)
310 (310)
310 (310)
Detector
Bandwidth (Hz)
Digits
Functions: ACV, ACI
Measurements
Into Buffer
Measurements
Into Computer
3
0.5 (0.5)
0.5 (0.5)
30
3.3 (3.3)
3.3 (3.3)
300 94
59.8 (49.8)
55 (46)
300 94
26200 (26200)
24500 (24500)
Digitize, Typical
Sampling Rate
Digits
Resolution
Measurements Into
Computer 93
10 kS/s
18
9700
20 kS/s
16
19000
50 kS/s
16
44400
100 kS/s
15
80000
1 MS/s
12
108000
NOTES
89. Threshold range is voltage
RMS and threshold level voltage peak. Specified with 1kHz square wave. 100V and 700V threshold ranges guaranteed by design.
90. Reading speeds for autozero off, fixed range, autodelay off. Offset compensation off and open lead detector off where applicable.
91. Buffer measurements: For <0.2 PLC, multisample, single buffer transfer binary reading only.
92. PC measurements: For 1 and 0.2 PLC single reading and single transfer to computer (USB).
93. Reading rates using factory default operating conditions and autorange off, autodelay off. Speeds include measurement and data transfer out of the USB.
≥1000 readings with binary
transfer over USB.
94. For bandwidth 300Hz, autozero off, 6½ digits at 1 PLC, 3½ digits at 0.0005 PLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com