Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-NFP-RACK Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # DMM7510-NFP-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-NFP-RACK Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button DMM7510-NFP-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 13Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 14Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 15Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 16Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 17Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Datasheet
TEK.COM
14
Signal Characteristics 61, 62, 63
Typical AC and DC Coupled
Range
Analog
Bandwidth
(–3dB)
Maximum
Flatness Error
3 Hz to 20 kHz 64
THD
20 kHz Signal
(–1dB FS) 65
DC-coupled
Settling
Time (0.5%)
AC-coupled Filter
FAST Settling
Time (0.5%)
AC-coupled Filter
SLOW Settling Time
(0.5%)
AC Coupling
Low Frequency
(–3dB) point 66
100.000 mV
600 kHz
0.015 dB
0.04 %
5 µs
80 ms
2.3 s
1 Hz
1.00000 V
600 kHz
0.01 dB
0.03 %
6 µs
80 ms
2.5 s
1 Hz
10.0000 V
600 kHz
0.01 dB
0.01 %
4 µs
80 ms
2.5 s
1 Hz
Typical DC Coupled
Range
Analog Bandwidth
(–3dB)
Maximum
Flatness Error
3 Hz to 1 kHz 64
Total Harmonic
Distortion (THD)
1 kHz Signal
(–1dB FS) 65
Settling Time
(0.5%)
100.000 V
20 kHz 67
0.1 dB
1.3 %
160 µs
1000.00 V
20 kHz
0.1 dB
1.8 %
80 µs
Typical AC Coupled
Range
Analog
Bandwidth
(–3dB)
Maximum
Flatness Error
3 Hz to 20 kHz
Filter FAST
Settling Time
(0.5%)
Filter SLOW
Settling Time
(0.5%)
Low Frequency
Coupling Point 66
(–3dB)
100.000 V
600 kHz
0.1 dB
80 ms
2.3 s
1 Hz
1000.00 V
600 kHz
0.1 dB
80 ms
2.3 s
1 Hz
DC-Coupled Additional Noise Uncertainty,
DC-coupled Total Harmonic Distortion (THD),
Typical 68
Typical 69
0.1
1
10
100
1000
1k
2k
5k 10k 20k 50k 100k 200k 500k 1M
Samples per Second
RMS Noise, Digitize Voltage
100mV
1V
10V
100V
1000V
-120
-110
-100
-90
-80
-70
-60
-50
1k
2k
5k
10k
20k
50k
100k
200k
Samples per Second
Total Harmonic Distortion, Digitize Voltage
100mV
1V
10V
100V
1000V
NOTES
61. Accuracy with sample rate 1M per second and aperture 1 µs.
62. Verified with sine wave input and DC content
≤3% of range.
63. For AC coupling, maximum crest factor of 5.
64. For DC coupled, 0dB reference frequency is 3 Hz. For AC coupled, 0dB reference frequency is 1 kHz. For AC coupled operation below 1 kHz, add 0.1 dB.
65. Exclusive of source input noise.
66. With AC coupling frequency = 3 Hz and AC coupling filter = Slow.
67. For input impedance auto, bandwidth is 6 kHz.
68. Specified with aperture auto and 4-wire short on input terminals. For 100 V range, input impedance 10 M
Ω, multiply by 2.5. For all ranges and sample rate >1 k, add an additional 3× RMS
noise uncertainty to ppm of range.
69. Specified with aperture auto and 1 kHz sine wave input. Distortion is calculated using first five harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com