Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-NFP-RACK Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # DMM7510-NFP-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-NFP-RACK Datasheet(HTML) 7 Page - TEKTRONIX, INC.

Back Button DMM7510-NFP-RACK Datasheet HTML 3Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 4Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 5Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 6Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 7Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-NFP-RACK Datasheet HTML 11Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TEK.COM
7
DMM 7510 7½-Digit Graphical Sampling Multimeter
Common Mode Rejection
For DC voltage and 1k
Ω unbalanced in LO terminal; AC CMRR is 70 dB.
NPLC
5
1
0.2
≤ 0.2
Line Sync
On
On
On
Off
CMRR
140 dB
140 dB
120 dB
80 dB
Resistance
Enhanced Accuracy (within 30 days of autocalibration, T
OPER ±5°C from TACAL)
10
Range 11
Resolution
Test Current 12
(±5%)
Accuracy ±(ppm of reading + ppm of range)
24 Hour
T
CAL ±1°C
13
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 14
1.0000000
Ω
0.1 µ
Ω
10 mA
15 + 50
30 + 50
30 + 50
30 + 50
0.15 + 0.1
10.000000
Ω
1 µ
Ω
10 mA
15 + 5
30 + 5
30 + 5
30 + 5
0.15 + 0.1
100.00000
Ω
10 µ
Ω
1 mA
12 + 4
27 + 4
27 + 4
27 + 4
0.15 + 0.1
1.0000000 k
Ω
100 µ
Ω
1 mA
12 + 3
24 + 3
24 + 3
24 + 3
0.15 + 0.1
10.000000 k
Ω 15
1 m
Ω
100 µA
13 + 3
30 + 3
30 + 3
30 + 3
0.15 + 0.1
100.00000 k
Ω 15, 16
10 m
Ω
10 µA
13 + 3
30 + 3
30 + 3
30 + 3
0.15 + 0.1
1.0000000 M
Ω 15, 17
100 m
Ω
10 µA
14 + 3
30 + 4
30 + 4
30 + 4
0.15 + 0.1
10.000000 M
Ω 18
1
Ω
0.69 µA ||10 M
Ω
150 + 6
200 + 10
200 + 10
200 + 10
70 + 1
100.00000 M
Ω 18
10
Ω
0.69 µA ||10 M
Ω
800 + 30
2000 + 30
2000 + 30
2000 + 30
385 + 1
1.0000000 G
Ω 18
100
Ω
0.69 µA ||10 M
Ω
9000 + 100
9000 + 100
9000 + 100
9000 + 100
3000 + 1
Accuracy 19
Range 20
Resolution
Test Current 21
(±5%)
Accuracy ±(ppm of reading + ppm of range)
24 Hour
T
CAL ±1°C
22
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 23
1
Ω
0.1 µ
Ω
10 mA
15 + 50
40 + 50
50 + 50
70 + 50
2.5 + 5
10
Ω
1 µ
Ω
10 mA
15 + 5
40 + 5
50 + 5
70 + 5
2.5 + 0.5
100
Ω
10 µ
Ω
1 mA
12 + 4
35 + 4
47 + 4
65 + 4
5 + 0.25
1 k
Ω
100 µ
Ω
1 mA
12 + 3
30 + 3
41 + 3
65 + 3
5 + 0.25
10 k
Ω 24
1 m
Ω
100 µA
10 + 3
30 + 3
42 + 3
65 + 3
2.5 + 0.25
100 k
Ω 24, 25
10 m
Ω
10 µA
13 + 3
38 + 3
50 + 3
65 + 3
5 + 1
1 M
Ω 24, 26
100 m
Ω
10 µA
14 + 3
38 + 5
50 + 5
65 + 5
5 + 1
10 M
Ω 27
1
Ω
0.69 µA ||10 M
Ω
150 + 6
200 + 10
400 + 10
600 + 12
70 + 1
100 M
Ω 27
10
Ω
0.69 µA ||10 M
Ω
800 + 30
2000 + 30
2000 + 30
2600 + 30
385 + 1
1 G
Ω 27
100
Ω
0.69 µA ||10 M
Ω
9000 + 200
9000 + 200
13000 + 200
14000 + 200
3000 + 1
NOTES
10. Specifications are for 4-wire resistance, offset compensation on for
≤10 kΩ measurements, and offset compensation off for ≥10 kΩ measurements. 1 Ω range is 4-wire only. For 2-wire,
with Rel, add 50 m
Ω to ppm of range uncertainty. Without Rel and with 1756 test leads, add 100 mΩ to ppm of range uncertainty.
11. 20% overrange on all ranges.
12. Test current with offset compensation off, ±5%.
13. Relative to calibration accuracy.
14. Add per degree from T
CAL ±5°C.
15. Specifications are for external cable and load capacitance <1nF.
16. For offset compensation on, add 10ppm uncertainty to ppm of reading.
17. For 4-wire 1 M
Ω, open lead detector on, add 10 ppm uncertainty to ppm of reading.
18. Specified for <10% lead resistance mismatch in HI and LO.
19. Specifications are for 4-wire resistance, offset compensation on for
≤10 kΩ measurements, and offset compensation off for ≥10 kΩ measurements. 1Ω range is 4-wire only. For 2-wire, with
Rel, add 50 m
Ω to ppm of range uncertainty. Without Rel and with 1756 test leads, add 100 mΩ to ppm of range uncertainty.
20. 20% overrange on all ranges.
21. Test current with offset compensation off.
22. Relative to calibration accuracy.
23. Add per degree from T
CAL ±5°C.
24. Specifications are for external cable and load capacitance <1 nF.
25. For offset compensation on, add 10ppm of uncertainty to ppm of reading.
26. For 4-wire, 1 M
Ω, open lead detection on, add 10ppm uncertainty to ppm of reading.
27. Specified for <10% lead resistance mismatch in HI and LO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com