Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 12Page - Texas Instruments CDCDB2000 Datasheet HTML 13Page - Texas Instruments CDCDB2000 Datasheet HTML 14Page - Texas Instruments CDCDB2000 Datasheet HTML 15Page - Texas Instruments CDCDB2000 Datasheet HTML 16Page - Texas Instruments CDCDB2000 Datasheet HTML 17Page - Texas Instruments CDCDB2000 Datasheet HTML 18Page - Texas Instruments CDCDB2000 Datasheet HTML 19Page - Texas Instruments CDCDB2000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
SBI
Controller
CDCDB2000
(1)
CDCDB2000
(2)
DATA
CLK
SHFT_LD# (2)
SHFT_LD# (1)
D
Q
Q
>
D
Q
Q
>
Q0
Q1
To Q2
OE1
OE0
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
D
Q
Q
>
OE19
From Q18
Shift
Register
Output
Register
(Default is 1)
DATA
CLK
SHFT_LD#
Mask0
Mask1
Mask19
To Output Logic
From SMBus Mask
Registers
Side-Band Interface
16
CDCDB2000
SNAS787 – NOVEMBER 2019
www.ti.com
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Programming (continued)
Figure 7. SMBus Mask Register and SBI Shift Register Logic
7.5.1 SMBus
SMBus programming is described in SMBus, and the registers are described in Register Maps .
7.5.2 SBI
Side-Band Interface (SBI) is a simple 3-wire serial interface. This interface consists of DATA, CLK and
SHFT_LD# pins. When the SHFT_LD# pin is high, the rising edge of CLK clocks DATA into a shift register. After
shifting data, the falling edge of SHFT_LD# loads the shift register contents into the Output Register. Both the
SBI and the traditional SMBus interface feed common output enable/disable synchronization logic, which ensures
glitch-free enable and disable outputs regardless of the method used.
SBI can be configured at a system level in three ways: star topology, daisy chain topology, and directly. The star
topology is shown in Figure 8. The daisy chain topology is shown in Figure 9.
Figure 8. SBI Star Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com