Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 17Page - Texas Instruments CDCDB2000 Datasheet HTML 18Page - Texas Instruments CDCDB2000 Datasheet HTML 19Page - Texas Instruments CDCDB2000 Datasheet HTML 20Page - Texas Instruments CDCDB2000 Datasheet HTML 21Page - Texas Instruments CDCDB2000 Datasheet HTML 22Page - Texas Instruments CDCDB2000 Datasheet HTML 23Page - Texas Instruments CDCDB2000 Datasheet HTML 24Page - Texas Instruments CDCDB2000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 8. OERDBK Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
OE7# State
R
0h
This bit reports the logic level present on the OE7# pin.
1
OE6# State
R
0h
This bit reports the logic level present on the OE6# pin.
0
OE5# State
R
0h
This bit reports the logic level present on the OE5# pin.
7.6.1.5 SBRDBK Register (Address = 4h) [reset = 1h]
SBRDBK is shown in Table 9.
Return to the Summary Table.
The SBRDBK register contains a bit that report the current state of the SBEN input pin.
Table 9. SBRDBK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R
0h
Reserved
0
SBEN State
R/W
1h
This bit reports the logic level present on the SBEN pin.
7.6.1.6 VDRREVID Register (Address = 5h) [reset = X]
VDRREVID is shown in Table 10.
Return to the Summary Table.
The VDRREVID register contains a vendor identification code and silicon revision code.
Table 10. VDRREVID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Revision Code[3:0]
R
X
Silicon revision code.
Silicon revision code bits
[3:0] map to register bits
[7:4] directly.
3-0
Vendor ID[3:0]
R
X
Vendor identification code.
Vendor ID bits
[3:0] map to register bits
[3:0] directly.
7.6.1.7 DEVID Register (Address = 6h) [reset = X]
DEVID is shown in Table 11.
Return to the Summary Table.
The DEVID register contains a device identification code.
Table 11. DEVID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
Device ID[7:0]
R
X
Device ID code.
Device ID bits[7:0] map to register bits[7:0] directly.
7.6.1.8 BTRDCNT Register (Address = 7h) [reset = 8h]
BTRDCNT is shown in Table 12.
Return to the Summary Table.
The BTRDCNT register allows configuration of the number of bytes that will be read back from the SMBus
interface on an issued read command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com