Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 15Page - Texas Instruments CDCDB2000 Datasheet HTML 16Page - Texas Instruments CDCDB2000 Datasheet HTML 17Page - Texas Instruments CDCDB2000 Datasheet HTML 18Page - Texas Instruments CDCDB2000 Datasheet HTML 19Page - Texas Instruments CDCDB2000 Datasheet HTML 20Page - Texas Instruments CDCDB2000 Datasheet HTML 21Page - Texas Instruments CDCDB2000 Datasheet HTML 22Page - Texas Instruments CDCDB2000 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 5. OECR1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
Output Enable, CK17
R/W
1h
This bit controls the output enable signal for output channel
CK17_P/CK17_N.
0h = Output Disabled
1h = Output Enabled
3
Output Enable, CK16
R/W
1h
This bit controls the output enable signal for output channel
CK16_P/CK16_N.
0h = Output Disabled
1h = Output Enabled
2-0
RESERVED
R
0h
Reserved
7.6.1.2 OECR2 Register (Address = 1h) [reset = FFh]
OECR2 is shown in Table 6.
Return to the Summary Table.
The OECR2 register contains bits that enable or disable individual output clock channels [7:0]
Table 6. OECR2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Output Enable, CK7
R/W
1h
This bit controls the output enable signal for output channel
CK7_P/CK7_N.
0h = Output Disabled
1h = Output Enabled
6
Output Enable, CK6
R/W
1h
This bit controls the output enable signal for output channel
CK6_P/CK6_N.
0h = Output Disabled
1h = Output Enabled
5
Output Enable, CK5
R/W
1h
This bit controls the output enable signal for output channel
CK5_P/CK5_N.
0h = Output Disabled
1h = Output Enabled
4
Output Enable, CK4
R/W
1h
This bit controls the output enable signal for output channel
CK4_P/CK4_N.
0h = Output Disabled
1h = Output Enabled
3
Output Enable, CK3
R/W
1h
This bit controls the output enable signal for output channel
CK3_P/CK3_N.
0h = Output Disabled
1h = Output Enabled
2
Output Enable, CK2
R/W
1h
This bit controls the output enable signal for output channel
CK2_P/CK2_N.
0h = Output Disabled
1h = Output Enabled
1
Output Enable, CK1
R/W
1h
This bit controls the output enable signal for output channel
CK1_P/CK1_N.
0h = Output Disabled
1h = Output Enabled
0
Output Enable, CK0
R/W
1h
This bit controls the output enable signal for output channel
CK0_P/CK0_N.
0h = Output Disabled
1h = Output Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com