Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 6Page - Texas Instruments CDCDB2000 Datasheet HTML 7Page - Texas Instruments CDCDB2000 Datasheet HTML 8Page - Texas Instruments CDCDB2000 Datasheet HTML 9Page - Texas Instruments CDCDB2000 Datasheet HTML 10Page - Texas Instruments CDCDB2000 Datasheet HTML 11Page - Texas Instruments CDCDB2000 Datasheet HTML 12Page - Texas Instruments CDCDB2000 Datasheet HTML 13Page - Texas Instruments CDCDB2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CKx_P
CKPWRGD_PD#
CKx_N
ttSTABLEt
tDRIVE_PD#
ttPDt
CLKIN
VDD/VDD_A
10
CDCDB2000
SNAS787 – NOVEMBER 2019
www.ti.com
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Timing Requirements (continued)
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
MIN
NOM
MAX
UNIT
(1)
TF = (VIHMIN + 0.15) to (VILMAX - 0.15)
(2)
TR = (VILMAX - 0.15) to (VIHMIN + 0.15)
tF
SMBCLK/SMBDAT fall time(1)
300
ns
tR
SMBCLK/SMBDAT rise time(2)
1000
SIDE-BAND INTERFACE TIMING
tPERIOD
Clock period
40
ns
tSETUP
Setup time to clock
25
tDSU
Data set up time
10
tDHOLD
Data hold time
5
tDELAY
Delay time
25
tPDLY
Propagation delay
4
10
CLK
periods
tSLEW
Clock slew rate
20% - 80%
0.2
3
V/ns
Figure 1. Start-Up With CLKIN Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com