Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000 Datasheet(HTML) 1 Page - Texas Instruments

  CDCDB2000 Datasheet HTML 1Page - Texas Instruments CDCDB2000 Datasheet HTML 2Page - Texas Instruments CDCDB2000 Datasheet HTML 3Page - Texas Instruments CDCDB2000 Datasheet HTML 4Page - Texas Instruments CDCDB2000 Datasheet HTML 5Page - Texas Instruments CDCDB2000 Datasheet HTML 6Page - Texas Instruments CDCDB2000 Datasheet HTML 7Page - Texas Instruments CDCDB2000 Datasheet HTML 8Page - Texas Instruments CDCDB2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PCIe Gen 4-5
Clock
Generator
CDCDB2000
20x LP-HSCL Output Buffer
SMBus
Control
OE#
Control
LP-HCSL
PCIe PHY
PCIe PHY
PCIe PHY
PCIe PHY
LP-HCSL
20
PCIe PHY
PCIe PHY
PCIe Device
Side-Band
Interface
Control Interface
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCDB2000
SNAS787 – NOVEMBER 2019
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
1
1 Features
1
•
20 LP-HCSL outputs with integrated 85-
Ω output
terminations
•
8 hardware output enable (OE#) controls
•
Additive phase jitter after DB2000QL filter:
< 0.08ps rms
•
Supports PCIe Gen 4 and Gen 5 Common Clock
(CC) and Individual Reference (IR) architectures
–
Spread spectrum-compatible
•
Cycle-to-cycle jitter: < 50 ps
•
Output-to-output skew: < 50 ps
•
Input-to-output delay: < 3 ns
•
3.3-V core and IO supply voltages
•
Hardware-controlled low power mode (PD#)
•
Side-Band Interface (SBI) for output control in
PD# mode
•
9 selectable SMBus addresses
•
Power consumption: < 600 mW
•
6-mm × 6-mm, 80-pin TLGA/GQFN package
2 Applications
•
Microserver & tower server
•
Storage area network & host bus adapter card
•
Network attached storage
•
Hardware accelerator
3 Description
The
CDCDB2000
is
a
20-output
LP-HCSL,
DB2000QL
compliant,
clock
buffer
capable
of
distributing the reference clock for PCIe Gen 1-5,
QuickPath Interconnect (QPI), UPI, SAS, and SATA
interfaces. The SMBus, SBI, and 8 output enable pins
allow the configuration and control of all 20 outputs
individually.
The
CDCDB2000
is
a
DB2000QL
derivative buffer and meets or exceeds the system
parameters in the DB2000QL specification. The
CDCDB2000 is packaged in a 6-mm × 6-mm
TLGA/GQFN package with 80 leads.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCDB2000
TLGA (80)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
CDCDB2000 System Diagram


Similar Part No. - CDCDB2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCDB2000 TI-CDCDB2000 Datasheet
1Mb / 35P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
OCTOBER 2024
CDCDB2000 TI-CDCDB2000 Datasheet
1Mb / 35P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
OCTOBER 2024
CDCDB2000 TI2-CDCDB2000 Datasheet
1Mb / 35P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
REVISED OCTOBER 2024
CDCDB2000ENPPR TI-CDCDB2000ENPPR Datasheet
1Mb / 35P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
OCTOBER 2024
CDCDB2000ENPPR TI2-CDCDB2000ENPPR Datasheet
1Mb / 35P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
REVISED OCTOBER 2024
More results

Similar Description - CDCDB2000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Texas Instruments
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
logo
Texas Instruments
CDCDB803 TI1-CDCDB803_V01 Datasheet
1Mb / 34P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com