Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 18Page - Texas Instruments CDCDB2000 Datasheet HTML 19Page - Texas Instruments CDCDB2000 Datasheet HTML 20Page - Texas Instruments CDCDB2000 Datasheet HTML 21Page - Texas Instruments CDCDB2000 Datasheet HTML 22Page - Texas Instruments CDCDB2000 Datasheet HTML 23Page - Texas Instruments CDCDB2000 Datasheet HTML 24Page - Texas Instruments CDCDB2000 Datasheet HTML 25Page - Texas Instruments CDCDB2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22
CDCDB2000
SNAS787 – NOVEMBER 2019
www.ti.com
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 12. BTRDCNT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
Reserved
5-0
Read Byte Count[5:0]
R/W
8h
Writing to this register configures how many bytes will be read back.
7.6.1.9 SBIMSK1 Register (Address = 8h) [reset = 0h]
SBIMSK1 is shown in Table 13.
Return to the Summary Table.
The SBIMSK1 register allows the SMBus to force enable each output channel individually when the CDCDB2000
is in Side-Band interface mode.
Table 13. SBIMSK1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SBI Output Mask, CK7
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK7 Enabled
6
SBI Output Mask, CK6
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK6 Enabled
5
SBI Output Mask, CK5
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK5 Enabled
4
SBI Output Mask, CK4
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK4 Enabled
3
SBI Output Mask, CK3
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK3 Enabled
2
SBI Output Mask, CK2
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK2 Enabled
1
SBI Output Mask, CK1
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK1 Enabled
0
SBI Output Mask, CK0
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK0 Enabled
7.6.1.10 SBIMSK2 Register (Address = 9h) [reset = 0h]
SBIMSK2 is shown in Table 14.
Return to the Summary Table.
The SBIMSK2 register allows the SMBus to force enable each output channel individually when the CDCDB2000
is in Side-Band interface mode.
Table 14. SBIMSK2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SBI Output Mask, CK15
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK15 Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com