Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T3407GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP2T3407GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2T3407
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 7 October 2016
3 of 22
Nexperia
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
All GND pins must be connected to ground (0 V).
Fig 1.
Logic symbol
Fig 2.
Logic diagram
Fig 3.
Pin configuration SOT765-1
Fig 4.
Pin configuration SOT833-1, SOT1116 and
SOT1203
Table 3.
Pin description
Symbol
Pin
Description
VCCI
1
input supply voltage
1A
2
data input
2A
3
data input
GND[1]
4, 5
ground (0 V)
2Y
6
data output (open-drain)
1Y
7
data output
VCCO
10
output supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com