Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T3407GS Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T3407GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2T3407
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 7 October 2016
14 of 22
Nexperia
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
Test data is given in Table 15.
Definitions test circuit:
RT = termination resistance should be equal to output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
RL = Load resistance.
Fig 12. Test circuit for measuring switching times
Table 15.
Test data
Supply voltage
Load
Input
VEXT
VCCI
VCCO
CL
RL
tr, tf
VI
tPLH, tPHL
tPZL, tPLZ
0.75 V to 2.7 V 1.2 V to 5.5 V 5 pF
10 k
3.0 ns
VCCI
0 V
2VCCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com