Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T3407GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T3407GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2T3407
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 7 October 2016
8 of 22
Nexperia
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
11. Dynamic characteristics
[1]
Typical values are measured at nominal supply voltages and Tamb = +25 C.
[2]
tpd is the same as tPLH and tPHL (1A to 1Y) and tPLZ and tPZL (2A to 2Y).
[3]
tt is the same as tTHL and tTLH (1A to 1Y) and tPZL(2A to 2Y).
Table 11.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12; for wave form see Figure 5.
Symbol Parameter
Conditions
VCCO
Unit
1.2 V
1.5 V
 0.1 V
1.8 V
 0.15 V
Typ[1]
Min
Typ[1]
Max
Min
Typ[1]
Max
Tamb = 25 C
tpd
propagation
delay
nA to nY
[2]
VCCI = 0.75 V to 0.85 V
22.1
3
17
76
3
15
72
ns
VCCI = 1.1 V to 1.3 V
15.8
3.1
10.3
19.8
2.8
8.3
15.8
ns
VCCI = 1.4 V to 1.6 V
14.9
2.8
9.4
18.2
2.5
7.4
13.3
ns
VCCI = 1.65 V to 1.95 V
14.5
2.7
9.0
17.4
2.4
7.0
12.9
ns
VCCI = 2.3 V to 2.7 V
14.1
2.5
8.6
16.9
2.2
6.6
12.2
ns
Tamb = 40 C to +85 C
tpd
propagation
delay
nA to nY
[2]
VCCI = 0.75 V to 0.85 V
22.1
3
17
151
3
15
148
ns
VCCI = 1.1 V to 1.3 V
15.8
3.1
10.3
19.8
2.8
8.3
15.8
ns
VCCI = 1.4 V to 1.6 V
14.9
2.8
9.4
18.2
2.5
7.4
13.3
ns
VCCI = 1.65 V to 1.95 V
14.5
2.7
9.0
17.4
2.4
7.0
12.9
ns
VCCI = 2.3 V to 2.7 V
14.1
2.5
8.6
16.9
2.2
6.6
12.2
ns
tt
transition
time
VCCI = 0.75 V to 2.7 V
[3]
-1.0
-
-1.0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com