Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T3407GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP2T3407GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74AXP2T3407 is a dual supply single buffer and a single buffer with open-drain
output. It features two input pins (nA), an output pin (1Y) and an open-drain output pin
(2Y) and dual supply pins (VCCI and VCCO). The inputs are referenced to VCCI and the
output is referenced to VCCO. All inputs can be connected directly to VCCI or GND. VCCI
can be supplied at any voltage between 0.7 V and 2.75 V and VCCO can be supplied at
any voltage between 1.2 V and 5.5 V. This feature allows voltage level translation.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
supply range and is fully specified for partial power down applications using IOFF. The IOFF
circuitry disables the output, preventing the potentially damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Wide supply voltage range:
VCCI: 0.7 V to 2.75 V
VCCO: 1.2 V to 5.5 V
Low input capacitance; CI = 0.6 pF (typical)
Low output capacitance; CO = 1.8 pF (typical) for 1Y
Low output capacitance; CO = 1.3 pF (typical) for 2Y
Low dynamic power consumption; CPD = 0.4 pF at VCCI = 1.2 V (typical)
Low dynamic power consumption; CPD = 7.1 pF at VCCO = 3.3 V (typical)
Low static power consumption; ICCI = 0.5 A (85 C maximum)
Low static power consumption; ICCO = 1.8 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V; nA inputs)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
JESD8-C (2.7 V to 3.6 V; nY outputs)
JESD12-6 (4.5 V to 5.5 V; nY outputs)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
Rev. 2 — 7 October 2016
Product data sheet


Similar Part No. - 74AXP2T3407GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2T08 NEXPERIA-74AXP2T08 Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08-Q100 NEXPERIA-74AXP2T08-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08DP NEXPERIA-74AXP2T08DP Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08DP-Q100 NEXPERIA-74AXP2T08DP-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08GF NEXPERIA-74AXP2T08GF Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
More results

Similar Description - 74AXP2T3407GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07 Datasheet
48Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74V1T07 STMICROELECTRONICS-74V1T07 Datasheet
47Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07_04 Datasheet
111Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
74V1T07 STMICROELECTRONICS-74V1T07_04 Datasheet
110Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
logo
Renesas Technology Corp
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
logo
Nexperia B.V. All right...
74AUP2G3407 NEXPERIA-74AUP2G3407 Datasheet
841Kb / 19P
Low-power single buffer; single buffer with open-drain
logo
Diodes Incorporated
74LVC1G07Q DIODES-74LVC1G07Q Datasheet
523Kb / 9P
SINGLE BUFFER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com