Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T3407GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T3407GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2T3407
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 7 October 2016
10 of 22
Nexperia
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
[1]
CPD is used to determine the dynamic power dissipation (PD in W).
[2]
Power dissipated from input supply (VCCI)
PD =CPD  VCCI2  fi  N where:
CPD = power dissipation capacitance of the input supply.
VCCI = input supply voltage in V;
fi = input frequency in MHz;
N = number of inputs switching;
[3]
Power dissipated from output supply (VCCO)
PD =(CL + CPD)  VCCO2  fo where:
CL = load capacitance in pF;
CPD = power dissipation capacitance of the output supply.
VCCO = output supply voltage in V;
fo = output frequency in MHz;
Table 13.
Typical dynamic characteristics at Tamb = 25 C
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12; for wave form see Figure 5.
Symbol Parameter
Conditions
VCCO
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
CPD
power
dissipation
capacitance
fi = 1 MHz; RL =  ; VI =0VtoVCCI [1]
1A, 2A; input supply
[2]
VCCI = 0.8 V
0.4
0.4
0.4
0.4
0.4
0.4
pF
VCCI = 1.2 V
0.4
0.4
0.4
0.4
0.4
0.4
pF
VCCI = 1.5 V
0.5
0.5
0.5
0.5
0.5
0.5
pF
VCCI = 1.8 V
0.5
0.5
0.5
0.5
0.5
0.5
pF
VCCI = 2.5 V
0.7
0.7
0.7
0.7
0.7
0.7
pF
1Y; output supply
[3]
VCCI = 0.8 V
6.7
6.8
6.8
6.9
7.5
9.5
pF
VCCI = 1.2 V
6.8
6.9
7.0
7.0
7.1
7.6
pF
VCCI = 1.5 V
6.9
6.9
6.9
7.0
7.1
7.6
pF
VCCI = 1.8 V
6.9
6.9
6.9
7.0
7.2
7.6
pF
VCCI = 2.5 V
6.9
7.0
7.0
7.0
7.2
7.6
pF
2Y; output supply
[3]
VCCI = 0.8 V
2.1
2.2
2.2
2.2
2.3
2.8
pF
VCCI = 1.2 V
2.2
2.3
2.4
2.3
2.4
2.5
pF
VCCI = 1.5 V
2.3
2.3
2.3
2.4
2.4
2.5
pF
VCCI = 1.8 V
2.3
2.3
2.3
2.4
2.4
2.5
pF
VCCI = 2.5 V
2.3
2.3
2.3
2.3
2.4
2.6
pF
CI
input
capacitance
VI = 0 V or VCCI; VCCI = 0 V to 2.7 V
0.6
0.6
0.6
0.6
0.6
0.6
pF
CO
output
capacitance
2Y; VO = 0 V; VCCO = 0 V
1.3
1.3
1.3
1.3
1.3
1.3
pF
1Y; VO = 0 V; VCCO = 0 V
1.8
1.8
1.8
1.8
1.8
1.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com