Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T3407GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T3407GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2T3407
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 7 October 2016
13 of 22
Nexperia
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
Tamb = 40 C to +85 C unless otherwise specified.
For tPLH, tPHL and tPZL
(1) Minimum: VCCO = 1.6 V
(2) Typical: Tamb = 25 C; VCCO = 1.5 V
(3) Maximum: VCCO = 1.4 V
Tamb = 25 C; VCCO = 1.2 V.
For tPLH, tPHL and tPZL
Fig 10. Additional propagation delay versus load
capacitance
Fig 11. Additional propagation delay versus load
capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com