Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D-Q100 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LV393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D-Q100 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LV393D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LV393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 17 September 2014
4 of 16
Nexperia
74LV393-Q100
Dual 4-bit binary ripple counter
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Table 2.
Pin description
Symbol
Pin
Description
1CP
1
clock input (HIGH-to-LOW, edge-triggered)
1MR
2
asynchronous master reset input (active HIGH)
1Q0
3
flip-flop output
1Q1
4
flip-flop output
1Q2
5
flip-flop output
1Q3
6
flip-flop output
GND
7
ground (0 V)
2Q3
8
flip-flop output
2Q2
9
flip-flop output
2Q1
10
flip-flop output
2Q0
11
flip-flop output
2MR
12
asynchronous master reset input (active HIGH)
2CP
13
clock input (HIGH-to-LOW, edge-triggered)
VCC
14
supply voltage
Table 3.
Count sequence for one counter [1]
Count
Output
nQ0
nQ1
nQ2
nQ3
0
LLLL
1
H
LLL
2L
H
L
L
3
HHL
L
4
LLH
L
5H
L
H
L
6
L
HHL
7
HHHL
8
LLLH
9
H
LLH
10
LH
LH
11
HHL
H
12
LLH
H
13
HL
HH
14
L
HHH
15
HHHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com