Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D-Q100 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LV393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D-Q100 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LV393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LV393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 17 September 2014
10 of 16
Nexperia
74LV393-Q100
Dual 4-bit binary ripple counter
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 10. Test circuit for measuring switching times
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPHL, tPLH
< 2.7 V
VCC
 2.5 ns
50 pF
1 k
open
2.7 V to 3.6 V
2.7 V
 2.5 ns
15 pF, 50 pF
1 k
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com