Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LV393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LV393D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LV393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 17 September 2014
7 of 16
Nexperia
74LV393-Q100
Dual 4-bit binary ripple counter
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 10.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nCP to nQ0; see Figure 8
[3]
VCC = 1.2 V
-
75
-
-
-
ns
VCC = 2.0 V
-
26
49
-
60
ns
VCC = 2.7 V
-
19
36
-
44
ns
VCC = 3.3 V, CL = 15 pF
-
12
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
14
29
-
35
ns
nQ to nQn
1; see Figure 8
[3]
VCC = 1.2 V
-
25
-
-
-
ns
VCC = 2.0 V
-
9
17
-
20
ns
VCC = 2.7 V
-
6
13
-
15
ns
VCC = 3.3 V, CL = 15 pF
-
4
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
5[2]
10
-
12
ns
tPHL
HIGH to LOW
propagation delay
nMR to nQx; see Figure 9
VCC = 1.2 V
-
70
-
-
-
ns
VCC = 2.0 V
-
24
44
-
54
ns
VCC = 2.7 V
-
18
33
-
40
ns
VCC = 3.3 V, CL = 15 pF
-
11
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
13[2]
26
-
32
ns
tt
transition time
nQx; see Figure 8
[4]
VCC = 2.0 V
-
-
-
-
-
ns
VCC = 2.7 V
-
-
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
-
-
-
-
ns
tW
pulse width
nCP HIGH or LOW; see Figure 8
VCC = 2.0 V
34
10
-
41
-
ns
VCC = 2.7 V
25
8
-
30
-
ns
VCC = 3.0 V to 3.6 V
20
6[2]
-24
-
ns
nMR HIGH; see Figure 9
VCC = 2.0 V
34
12
-
41
-
ns
VCC = 2.7 V
25
9
-
30
-
ns
VCC = 3.0 V to 3.6 V
20
7[2]
-24
-
ns
trec
recovery time
nMR to nCP; see Figure 9
VCC = 1.2 V
-
5
-
-
-
ns
VCC = 2.0 V
5
2
-
5
-
ns
VCC = 2.7 V
5
2
-
5
-
ns
VCC = 3.0 V to 3.6 V
5
1[2]
-5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com