Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LV393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LV393D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LV393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 17 September 2014
6 of 16
Nexperia
74LV393-Q100
Dual 4-bit binary ripple counter
9.
Static characteristics
[1]
All typical values are measured at Tamb = 25 C.
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input voltage
VCC =1.2 V
0.9
-
-
0.9
-
V
VCC = 2.0 V
1.4
-
-
1.4
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.3
-
0.3
V
VCC = 2.0 V
-
-
0.6
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level output voltage VI =VIH or VIL
IO = 100 A; VCC =1.2 V
-
1.2
-
-
-
V
IO = 100 A; VCC = 2.0 V
1.8
2.0
-
1.8
-
V
IO = 100 A; VCC = 2.7 V
2.5
2.7
-
2.5
-
V
IO = 100 A; VCC = 3.0 V
2.80
3.0
-
2.8
-
V
IO = 6 mA; VCC = 3.0 V
2.40
2.82
-
2.20
-
V
VOL
LOW-level output voltage VI =VIH or VIL
IO = 100 A; VCC =1.2 V
-
0
-
-
-
V
IO = 100 A; VCC = 2.0 V
-
0
0.2
-
0.2
V
IO = 100 A; VCC = 2.7 V
-
0
0.2
-
0.2
V
IO = 100 A; VCC = 3.0 V
-
0
0.2
-
0.2
V
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
-
0.50
V
II
input leakage current
VI =VCC or GND; VCC = 3.6 V
-
-
1.0
-
1.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =3.6 V
--
20.0
-
160
A
I
CC
additional supply current
quiescent per input
VI =VCC  0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
-
850
A
CI
input capacitance
-
3.5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com