Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LV393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LV393D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LV393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 17 September 2014
5 of 16
Nexperia
74LV393-Q100
Dual 4-bit binary ripple counter
7.
Limiting values
[1]
For SO14 package: Ptot derates linearly with 8 mW/K above 70 C.
[2]
For TSSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
50
mA
IO
output current
VO = 0.5 V to VCC +0.5 V
-
25
mA
ICC
supply current
-
+50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO14 package
[1] -
500
mW
TSSOP14 packages
[2] -
400
mW
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.0
3.3
3.6
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
-
+125
C
t/V
input transition rise and fall rate
VCC = 1.0 V to 2.0 V
-
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
VCC = 2.7 V to 3.6 V
-
-
100
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com