Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D-Q100 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LV393D-Q100
Description  Dual 4-bit binary ripple counter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D-Q100 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LV393D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV393D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74LV393_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 17 September 2014
9 of 16
Nexperia
74LV393-Q100
Dual 4-bit binary ripple counter
10.1 Waveforms
tTLH = 10 % and tTHL = 90 %,
Measurement points are given in Table 8.
Fig 8.
Propagation delays clock (nCP) to output (nQx), output transition times and maximum clock frequency
Table 8.
Measurement points
Supply voltage VCC
Input
Output
VM
VM
VX
VY
< 2.7 V
0.5VCC
0.5VCC
VOL + 0.1VCC
VOH  0.1VCC
2.7 V to 3.6 V
1.5VCC
1.5VCC
VOL + 0.3VCC
VOH  0.3VCC
Measurement points are given in Table 8.
Fig 9.
Propagation delays clock (nCP) to output (nQx), pulse width master reset (nMR), and recovery time
master reset (nMR) to clock (nCP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com