Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161PI Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 52Page - Infineon Technologies AG SAFC161PI Datasheet HTML 53Page - Infineon Technologies AG SAFC161PI Datasheet HTML 54Page - Infineon Technologies AG SAFC161PI Datasheet HTML 55Page - Infineon Technologies AG SAFC161PI Datasheet HTML 56Page - Infineon Technologies AG SAFC161PI Datasheet HTML 57Page - Infineon Technologies AG SAFC161PI Datasheet HTML 58Page - Infineon Technologies AG SAFC161PI Datasheet HTML 59Page - Infineon Technologies AG SAFC161PI Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-8
1999-08
• Explicit Stack Pointer Updating
None of the RET, RETI, RETS, RETP or POP instructions is capable of correctly using
a new SP register value, which is to be updated by an immediately preceding instruction.
Thus, in order to use the new SP register value without erroneously performed stack
accesses, at least one instruction must be inserted between an explicitly SP-writing and
any subsequent of the just mentioned implicitly SP-using instructions, as shown in the
following example:
I
n
:MOV
SP,#0FA40H
;select a new top of stack
I
n+1
:....
;must not be an instruction popping operands
;from the system stack
I
n+2
:POP
R0
;pop word value from new top of stack into R0
Note: Conflicts with instructions writing to the stack (PUSH, CALL, SCXT) are solved
internally by the CPU logic.
• Controlling Interrupts
Software modifications (implicit or explicit) of the PSW are done in the execute phase of
the respective instructions. In order to maintain fast interrupt responses, however, the
current interrupt prioritization round does not consider these changes, i.e. an interrupt
request may be acknowledged after the instruction that disables interrupts via IEN or
ILVL or after the following instructions. Timecritical instruction sequences therefore
should not begin directly after the instruction disabling interrupts, as shown in the
following examples:
INTERRUPTS_OFF:
BCLR
IEN
;globally disable interrupts
<Instr non-crit>
;non-critical instruction
<Instr 1st-crit>
;begin of uninterruptable critical sequence
. . .
<Instr last-crit>
;end of uninterruptable critical sequence
INTERRUPTS_ON:
BSET
IEN
;globally re-enable interrupts
CRITICAL_SEQUENCE:
ATOMIC #3
;immediately block interrupts
BCLR
IEN
;globally disable interrupts
. . .
;here is the uninterruptable sequence
BSET
IEN
;globally re-enable interrupts
Note: The described delay of 1 instruction also applies for enabling the interrupts system
i.e. no interrupt requests are acknowledged until the instruction following the
enabling instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com