Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161PI Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 81Page - Infineon Technologies AG SAFC161PI Datasheet HTML 82Page - Infineon Technologies AG SAFC161PI Datasheet HTML 83Page - Infineon Technologies AG SAFC161PI Datasheet HTML 84Page - Infineon Technologies AG SAFC161PI Datasheet HTML 85Page - Infineon Technologies AG SAFC161PI Datasheet HTML 86Page - Infineon Technologies AG SAFC161PI Datasheet HTML 87Page - Infineon Technologies AG SAFC161PI Datasheet HTML 88Page - Infineon Technologies AG SAFC161PI Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-3
1999-08
Table 5-1
C161PI Interrupt Nodes and Vectors
Source of Interrupt or
PEC Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
Fast External Interrupt 0
CC8IR
CC8IE
CC8INT
00’0060
H
18
H / 24D
Fast External Interrupt 1
CC9IR
CC9IE
CC9INT
00’0064
H
19
H / 25D
Fast External Interrupt 2
CC10IR
CC10IE
CC10INT
00’0068
H
1A
H / 26D
Fast External Interrupt 3
CC11IR
CC11IE
CC11INT
00’006C
H
1B
H / 27D
Fast External Interrupt 4
CC12IR
CC12IE
CC12INT
00’0070
H
1C
H / 28D
Fast External Interrupt 5
CC13IR
CC13IE
CC13INT
00’0074
H
1D
H / 29D
Fast External Interrupt 6
CC14IR
CC14IE
CC14INT
00’0078
H
1E
H / 30D
Fast External Interrupt 7
CC15IR
CC15IE
CC15INT
00’007C
H
1F
H / 31D
GPT1 Timer 2
T2IR
T2IE
T2INT
00’0088
H
22
H / 34D
GPT1 Timer 3
T3IR
T3IE
T3INT
00’008C
H
23
H / 35D
GPT1 Timer 4
T4IR
T4IE
T4INT
00’0090
H
24
H / 36D
GPT2 Timer 5
T5IR
T5IE
T5INT
00’0094
H
25
H / 37D
GPT2 Timer 6
T6IR
T6IE
T6INT
00’0098
H
26
H / 38D
GPT2 CAPREL Register CRIR
CRIE
CRINT
00’009C
H
27
H / 39D
A/D Conversion Complete ADCIR
ADCIE
ADCINT
00’00A0
H
28
H / 40D
A/D Overrun Error
ADEIR
ADEIE
ADEINT
00’00A4
H
29
H / 41D
ASC0 Transmit
S0TIR
S0TIE
S0TINT
00’00A8
H
2A
H / 42D
ASC0 Transmit Buffer
S0TBIR
S0TBIE
S0TBINT
00’011C
H
47
H / 71D
ASC0 Receive
S0RIR
S0RIE
S0RINT
00’00AC
H
2B
H / 43D
ASC0 Error
S0EIR
S0EIE
S0EINT
00’00B0
H
2C
H / 44D
SSC Transmit
SCTIR
SCTIE
SCTINT
00’00B4
H
2D
H / 45D
SSC Receive
SCRIR
SCRIE
SCRINT
00’00B8
H
2E
H / 46D
SSC Error
SCEIR
SCEIE
SCEINT
00’00BC
H
2F
H / 47D
I
2C Data Transfer Event XP0IR
XP0IE
XP0INT
00’0100
H
40
H / 64D
I
2C Protocol Event
XP1IR
XP1IE
XP1INT
00’0104
H
41
H / 65D
X-Peripheral Node 2
XP2IR
XP2IE
XP2INT
00’0108
H
42
H / 66D
PLL/OWD, RTC
(via ISNC)
XP3IR
XP3IE
XP3INT
00’010C
H
43
H / 67D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com