Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161PI Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 5Page - Infineon Technologies AG SAFC161PI Datasheet HTML 6Page - Infineon Technologies AG SAFC161PI Datasheet HTML 7Page - Infineon Technologies AG SAFC161PI Datasheet HTML 8Page - Infineon Technologies AG SAFC161PI Datasheet HTML 9Page - Infineon Technologies AG SAFC161PI Datasheet HTML 10Page - Infineon Technologies AG SAFC161PI Datasheet HTML 11Page - Infineon Technologies AG SAFC161PI Datasheet HTML 12Page - Infineon Technologies AG SAFC161PI Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 400 page
background image
&3,
,QWURGXFWLRQ
User’s Manual
1-1
1999-08
1Introduction
The rapidly growing area of embedded control applications is representing one of the
most time-critical operating environments for today’s microcontrollers. Complex control
algorithms have to be processed based on a large number of digital as well as analog
input signals, and the appropriate output signals must be generated within a defined
maximum response time. Embedded control applications also are often sensitive to
board space, power consumption, and overall system cost.
Embedded control applications therefore require microcontrollers, which...
• offer a high level of system integration
• eliminate the need for additional peripheral devices and the associated software overhead
• provide system security and fail-safe mechanisms
• provide effective means to control (and reduce) the device’s power consumption.
With the increasing complexity of embedded control applications, a significant increase
in CPU performance and peripheral functionality over conventional 8-bit controllers is
required from microcontrollers for high-end embedded control systems. In order to
achieve this high performance goal Infineon has decided to develop its family of 16-bit
CMOS microcontrollers without the constraints of backward compatibility.
Of course the architecture of the 16-bit microcontroller family pursues successfull
hardware and software concepts, which have been established in Infineons popular 8-
bit controller families.
About this Manual
This manual describes the functionality of the 16-bit microcontroller C161PI of the
Infineon C166 Family.
The descriptions in this manual refer to the following derivatives:
• C161PI-LM
• C161PI-LF
This manual is valid for the mentioned derivatives. Of course it refers to all devices of the
different available temperature ranges and packages.
For simplicity all these various versions are referred to by the term C161PI throughout
this manual. The complete pro-electron conforming designations are listed in the
respective data sheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com