Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161PI Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 8Page - Infineon Technologies AG SAFC161PI Datasheet HTML 9Page - Infineon Technologies AG SAFC161PI Datasheet HTML 10Page - Infineon Technologies AG SAFC161PI Datasheet HTML 11Page - Infineon Technologies AG SAFC161PI Datasheet HTML 12Page - Infineon Technologies AG SAFC161PI Datasheet HTML 13Page - Infineon Technologies AG SAFC161PI Datasheet HTML 14Page - Infineon Technologies AG SAFC161PI Datasheet HTML 15Page - Infineon Technologies AG SAFC161PI Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 400 page
background image
&3,
,QWURGXFWLRQ
User’s Manual
1-4
1999-08
1.2
Summary of Basic Features
The C161PI is an improved representative of the Infineon family of full featured 16-bit
single-chip CMOS microcontrollers. It combines high CPU performance (up to 10 million
instructions per second) with high peripheral functionality and means for power
reduction.
Several key features contribute to the high performance of the C161PI (the indicated
timings refer to a CPU clock of 25 MHz).
High Performance 16-Bit CPU With Four-Stage Pipeline
• 80 ns minimum instruction cycle time, with most instructions executed in 1 cycle
• 400 ns multiplication (16-bit *16-bit), 800 ns division (32-bit/16-bit)
• Multiple high bandwidth internal data buses
• Register based design with multiple variable register banks
• Single cycle context switching support
• 16 MBytes linear address space for code and data (von Neumann architecture)
• System stack cache support with automatic stack overflow/underflow detection
Control Oriented Instruction Set with High Efficiency
• Bit, byte, and word data types
• Flexible and efficient addressing modes for high code density
• Enhanced boolean bit manipulation with direct addressability of 6 Kbits
for peripheral control and user defined flags
• Hardware traps to identify exception conditions during runtime
• HLL support for semaphore operations and efficient data access
Power Management Features
• Programmable system slowdown (slowdown divider SDD)
• Flexible peripheral management (individual disabling)
• Sleepmode including wakeup via external interrupts
• Programmable frequency output
Integrated On-chip Memory
• 1 KByte internal RAM for variables, register banks, system stack and code
• 2 KByte on-chip high-speed XRAM for variables, user stack and code
External Bus Interface
• Multiplexed or demultiplexed bus configurations
• Segmentation capability and chip select signal generation
• 8-bit or 16-bit data bus
• Bus cycle characteristics selectable for five programmable address areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com