Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161PI Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 9Page - Infineon Technologies AG SAFC161PI Datasheet HTML 10Page - Infineon Technologies AG SAFC161PI Datasheet HTML 11Page - Infineon Technologies AG SAFC161PI Datasheet HTML 12Page - Infineon Technologies AG SAFC161PI Datasheet HTML 13Page - Infineon Technologies AG SAFC161PI Datasheet HTML 14Page - Infineon Technologies AG SAFC161PI Datasheet HTML 15Page - Infineon Technologies AG SAFC161PI Datasheet HTML 16Page - Infineon Technologies AG SAFC161PI Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 400 page
background image
&3,
,QWURGXFWLRQ
User’s Manual
1-5
1999-08
16-Priority-Level Interrupt System
• 27 interrupt nodes with separate interrupt vectors
• 240/400 ns typical/maximum interrupt latency in case of internal program execution
• Fast external interrupts
8-Channel Peripheral Event Controller (PEC)
• Interrupt driven single cycle data transfer
• Transfer count option (std. CPU interrupt after programmable number of PEC transfers)
• Eliminates overhead of saving and restoring system state for interrupt requests
Intelligent On-chip Peripheral Subsystems
• 4-Channel 10-bit A/D Converter with programmable conversion time
(7.76 µs minimum), auto scan modes, channel injection mode
• 2 Multifunctional General Purpose Timer Units
GPT1: three 16-bit timers/ counters, maximum resolution
I
CPU/8
GPT2: two 16-bit imers/counters, maximum resolution
I
CPU/4
• Asynchronous/Synchronous Serial Channel (USART)
with baud rate generator, parity, framing, and overrun error detection
• High Speed Synchronous Serial Channel
programmable data length and shift direction
• I
2C Bus Module with 10-bit addressing and 400 Kbit/sec
• Real Time Clock
• Watchdog Timer with programmable time intervals
• Bootstrap Loader for flexible system initialization
76 IO Lines With Individual Bit Addressability
• Tri-stated in input mode
• Push/pull or open drain output mode
• Programmable port driver control (fast/reduced edge)
Different Temperature Ranges
• 0 to +70
°C, – 40 to +85 °C
Infineon CMOS Process
• Low Power CMOS Technology including power saving Idle, Sleep and Power Down
modes with flexible power management.
100-Pin Plastic Quad Flat Pack (PQFP) Packages
• P-MQFP, 4*20 mm body, 0.65 mm (25.6 mil) lead spacing, surface mount technology
• P-TQFP, 14*14 mm body, 0.5 mm (19.7 mil) lead spacing, surface mount technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com