Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550SQ Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550SQ
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550SQ Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LP5550SQ Datasheet HTML 17Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 18Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 19Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 20Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 21Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 22Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 23Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 24Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Application Information
PWM/PFM FORCE REGISTER (R9)
By default, the LP5550 automatically transitions between
PFM and PWM to optimize efficiency. The PWM/PFM force
register (R9) provides the option to override the automatic
transition and force PFM or PWM operation (see R9 –
PWM/PFM Force Register declaration). Note that if the op-
erating mode of the regulator is forced to be PFM then the
switch current limit is reduced to 100 mA (50 mA average
load current).
EN/RESETN
The LP5550 can be shutdown via the ENABLE or RESETN
pins, or by issuing a shutdown command from PWI. To
disable the LP5550 via hardware (as opposed to the PWI
shutdown command), pull the ENABLE and/or the RESETN
pin(s) low. To enable the LP5550, both the ENABLE and the
RESETN pins must be high. Once enabled, the LP5550
engages the power-up sequence and all voltages return to
their default values.
When using PWI to issue a shutdown command, the PWI will
be disabled along with the regulators in the LP5550. To
re-enable the part, either the ENABLE, RESETN, or both
pins must be toggled (high – low – high). The part will then
enter the power-up sequence and all voltages will return to
their default values. Figure 8 summarizes the ENABLE/
RESETN control.
The ENABLE and RESETN pins provide flexibility for system
control. In larger systems such as a mobile phone, it can be
advantageous to enable/disable a subsystem independently.
For example, the LP5550 may be powering the applications
processor in a mobile phone. The system controller can
power down the applications processor via the ENABLE pin,
but leave on other subsystems. When the phone is turned off
or in a fault condition, the system controller can have a
global reset command that is connected to all the sub-
systems (RESETN for the LP5550). However, if this type of
control is not needed, the ENABLE and RESETN pins can
be tied together and used as a single enable/disable pin.
INDUCTOR
A 10uH or 4.7uH inductor should be used with the LP5550.
The inductor should be rated to handle the peak load current
plus the ripple current:
CURRENT LIMIT
The switching converter in the LP5550 detects the peak
inductor current and limits it for protection (see Electrical
Characteristics table and/or Typical Performance section).
To determine the average current limit from the peak current
limit, the inductor size, input and output voltage, and switch-
ing frequency must be known. The LP5550 is designed to
work with a 4.7uH or 10uH inductor, so:
INPUT CAPACITOR
The input capacitor to the switching converter supplies the
AC switching current drawn from the switching action of the
internal power FETs. The input current of a buck converter is
discontinuous, so the ripple current supplied by the input
capacitor is large. The input capacitor must be rated to
handle this current:
The power dissipated in the input capacitor is given by:
The input capacitor must be rated to handle both the RMS
current and the dissipated power. A 10 µF ceramic capacitor
is recommended for the LP5550.
20154551
FIGURE 8. ENABLE and RESETN operation
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com