Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550SQ Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550SQ
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550SQ Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LP5550SQ Datasheet HTML 17Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 18Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 19Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 20Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 21Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 22Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 23Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 24Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Application Information (Continued)
OUTPUT CAPACITOR
The switching converter in the LP5550 is designed to be
used with a 10uF ceramic output capacitor. The dielectric
should be X5R, X7R, or comparable material to maintain
proper tolerances. The output capacitor of the switching
converter absorbs the AC ripple current from the inductor
and provides the initial response to a load transient. The
ripple voltage at the output of the converter is the product of
the ripple current flowing through the output capacitor and
the impedance of the capacitor. The impedance of the ca-
pacitor can be dominated by capacitive, resistive, or induc-
tive elements within the capacitor, depending on the fre-
quency of the ripple current. Ceramic capacitors are
predominately used in portable systems and have very low
ESR and remain capacitive up to high frequencies.
The switcher peak - to - peak output voltage ripple in steady
state can be calculated as:
LDO INFORMATION
The LDOs included in the LP5550 provide static supply
voltages for various functions in the processor. Use the
following sections to determine loading and external compo-
nents.
LDO LOADING CAPABILITY
The LDOs in the LP5550 can regulate to a variety of output
voltages, depending on the need of the processor. These
voltages can be programmed through the PWI. Table 1
summarizes the parameters of the LP5550 LDOs.
TABLE 1. LDO Parameters
PWI Register
Output voltage
range
Recommended
Maximum Output
Current
Dropout Voltage
(typical)
Typical Load
LDO1
R8
0.6 V – 2.2 V
100 mA
200 mV
PLL
LDO2
R7
1.5 V – 3.3 V
250 mA
150 mV
I/O
LDO3
R2
V
OSW + 0.05 V
1
0.7 V – 1.35 V
2
50 mA
200 mV
Memory/Memory
retention
1. LDO3 tracks the switching converter output voltage (V
OSW) plus a 50 mV offset when the LP5550 is in active state.
2. LDO3 regulates at the set memory retention voltage when the LP5550 is in shutdown state.
LDO OUTPUT CAPACITOR
The output capacitor sets a low frequency pole and a high
frequency zero in the control loop of an LDO. The capaci-
tance and the equivalent series resistance (ESR) of the
capacitor must be within a specified range to meet stability
requirements. The LDOs in the LP5550 are designed to be
used with ceramic output capacitors. The dielectric should
be X5R, X7R, or comparable material to maintain proper
tolerances. Use the following table to choose a suitable
output capacitor:
TABLE 2. Output Capacitor Selection Guide
Output Capacitance Range
(Recommended Typical Value)
ESR range
LDO1
1 µF – 20 µF (2.2 µF)
5 mohm – 500 mohm
LDO2
2 µF – 20 µF (4.7 µF)
5 mohm – 500 mohm
LDO3
0.7 µF – 2.2 µF (1.0 µF)
5 mohm– 500 mohm
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com