Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550SQ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550SQ
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550SQ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP5550SQ Datasheet HTML 9Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 10Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 11Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 12Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 13Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 14Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 15Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 16Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Typical Performance Characteristics Unless otherwise stated: V
IN=3.6V (Continued)
Switch Current Limit vs. V
IN
Efficiency vs. Load (Switcher)
20154518
20154519
Switching Waveforms
PWM
Switching Waveforms
PFM
20154520
20154521
LP5550 PWI Register Map
The PWI standard supports sixteen 8-bit registers on the PWI slave. The table below summarizes these registers and shows
default register bit values after reset. The following sub-sections provide additional detail on the use of each individual register.
Summary
Register
Address
Register
Name
Register Usage
Type
Reset Default Value
7654
3
2
1
0
0x0
R0
Core voltage
R/W
0111
1
1
1
1
0x1
R1
Unused
R/W
----
-
-
-
-
0x2
R2
Memory retention voltage
R/W
0110
0
-
-
-
0x3
R3
Status register
R/O
0000
1
1
1
1
0x4
R4
PWI version number
R/O
0000
0
0
0
1
0x5
R5
Unused
R/W
----
-
-
-
-
0x6
R6
Unused
R/W
----
-
-
-
-
0x7
R7
LDO2 voltage
R/W
0111
1
-
-
-
0x8
R8
LDO1 voltage
R/W
0010
1
-
-
-
0x9
R9
PFM/PWM force
R/W
0
0
-
-
-
-
-
-
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com