Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550SQ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550SQ
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550SQ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP5550SQ Datasheet HTML 1Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 2Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 3Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 4Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 5Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 6Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 7Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 8Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LP5550
PowerWise™ Technology Compliant Energy
Management Unit
General Description
The LP5550 is a PWI 1.0 compliant Energy Management
System for reducing power consumption of stand-alone mo-
bile phone processors such as base-band or applications
processors.
The LP5550 contains an advanced, digitally controlled
switching regulator for supplying variable voltage to proces-
sor core and memory. The device also incorporates 3 pro-
grammable LDO-regulators for powering I/O, PLLs and
maintaining memory retention in shutdown-mode.
The device is controlled via the PWI open-standard inter-
face. The LP5550 operates cooperatively with PowerWise
technology compatible processors to optimize supply volt-
ages adaptively over process and temperature variations or
dynamically
using
frequency/voltage
pre-characterized
look-up tables.
Features
n
Supports high-efficiency PowerWise Technology
Adaptive Voltage Scaling
n
PWI open standard interface for system power
management
n
Digitally controlled intelligent voltage scaling
n
1 MHz PWM switching frequency
n
Auto or PWI controlled PFM mode transition
n
Internal soft start/startup sequencing.
n
3 programmable LDOs for I/O, PLL, and memory
retention supply generation.
n
Power OK output.
Applications
n
GSM/GPRS/EDGE & UMTS cellular handsets
n
Hand-held radios
n
PDAs
n
Battery powered devices
n
Portable instruments
System Diagram
20154563
FIGURE 1. System Diagram
October 2005
© 2005 National Semiconductor Corporation
DS201545
www.national.com


Similar Part No. - LP5550SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5550SQ/NOPB TI1-LP5550SQ/NOPB Datasheet
475Kb / 28P
LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5550SQX/NOPB TI1-LP5550SQX/NOPB Datasheet
475Kb / 28P
LP5550 PowerWise??Technology Compliant Energy Management Unit
More results

Similar Description - LP5550SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
National Semiconductor ...
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
LP5553 NSC-LP5553 Datasheet
3Mb / 44P
PowerWise짰 AVS Energy Management Unit with SPMI
logo
Texas Instruments
LM10500 TI-LM10500_15 Datasheet
1Mb / 40P
5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LP5550 TI1-LP5550 Datasheet
475Kb / 28P
LP5550 PowerWise??Technology Compliant Energy Management Unit
LP5551 TI1-LP5551 Datasheet
1Mb / 38P
LP5551 PowerWise??Technology Compliant Energy Management Unit
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com